Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10E336 Datasheet (PDF) - Micrel Semiconductor

SY10E336 Datasheet PDF - Micrel Semiconductor
Part # SY10E336
Download  SY10E336 Download
File Size   64.28 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3-BIT REGISTERED BUS TRANSCEIVER

SY10E336 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10E336 Datasheet PDF - Micrel Semiconductor

Part # SY10E336
Download  SY10E336 Click to download

File Size   64.28 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3-BIT REGISTERED BUS TRANSCEIVER

SY10E336 Datasheet (HTML) - Micrel Semiconductor


SY10E336 Product details

DESCRIPTION
The SY10/100E336 offer three bus transceivers with both transmit and receive registers and are designed for use in new, high-performance ECL systems. The bus outputs (BUS0 - BUS2) are designed to drive a 25Ω bus. The receive outputs (Q0 – Q2) are specified for 50Ω. The bus outputs feature a normal logic HIGH level (VOH) and a cutoff LOW level when at a logic LOW. At cutoff, the outputs go to –2.0V and the output emitter-follower is “off”, presenting a high impedance to the bus. The bus outputs have edge slow-down capacitors.

FEATURES
■ 25Ω cutoff bus output
■ Extended 100E VEE range of –4.2V to –5.5V
■ 50Ω receiver output
■ Transmit and receive registers
■ 1500ps max. clock to bus
■ 1000ps max. clock to Q
■ Internal edge slow-down capacitors on bus outputs
■ Additional package ground pins
■ Fully compatible with industry standard 10KH, 100K ECL levels
■ Internal 75KΩ input pulldown resistors
■ Fully compatible with Motorola MC10E/100E336
■ Available in 28-pin PLCC package




Similar Part No. - SY10E336

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E336 MICREL-SY10E336 Datasheet
66Kb / 4P
3-BIT REGISTERED BUS TRANSCEIVER
SY10E336JC MICREL-SY10E336JC Datasheet
66Kb / 4P
3-BIT REGISTERED BUS TRANSCEIVER
SY10E336JCTR MICREL-SY10E336JCTR Datasheet
66Kb / 4P
3-BIT REGISTERED BUS TRANSCEIVER
SY10E336JZ MICREL-SY10E336JZ Datasheet
66Kb / 4P
3-BIT REGISTERED BUS TRANSCEIVER
SY10E336JZTR MICREL-SY10E336JZTR Datasheet
66Kb / 4P
3-BIT REGISTERED BUS TRANSCEIVER
More results


Similar Description - SY10E336

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E336 ONSEMI-MC10E336 Datasheet
113Kb / 4P
3-BIT REGISTERED BUS TRANSCEIVER
1996 REV 2
MC10E337 ONSEMI-MC10E337 Datasheet
116Kb / 5P
3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER
1996 REV 2
logo
Texas Instruments
SN74ALVCH162525 TI-SN74ALVCH162525 Datasheet
167Kb / 11P
18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16524 TI-SN74ALVCH16524 Datasheet
125Kb / 9P
18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16525 TI-SN74ALVCH16525 Datasheet
153Kb / 10P
18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
V320 FAIRCHILD-V320 Datasheet
648Kb / 10P
V320 8-Bit Registered Bus Transceiver
logo
Micrel Semiconductor
SY10E336 MICREL-SY10E336_06 Datasheet
66Kb / 4P
3-BIT REGISTERED BUS TRANSCEIVER
SY10E337 MICREL-SY10E337_06 Datasheet
67Kb / 5P
3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER
logo
Texas Instruments
SN74ABTH32543-EP TI1-SN74ABTH32543-EP Datasheet
174Kb / 10P
36-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162525 TI1-SN74ALVCH162525_09 Datasheet
353Kb / 16P
18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com