Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD238 Datasheet (PDF) - Unisonic Technologies

BD238 Datasheet PDF - Unisonic Technologies
Part # BD238_15
Download  BD238 Download
File Size   119.24 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description -80V, PNP TRANSISTOR

BD238 Datasheet (PDF)

Go To PDF Page Download Datasheet
BD238 Datasheet PDF - Unisonic Technologies

Part # BD238_15
Download  BD238 Click to download

File Size   119.24 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description -80V, PNP TRANSISTOR

BD238 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - BD238_15

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
BD238-TU DGNJDZ-BD238-TU Datasheet
1Mb / 4P
TO-126 Plastic-Encapsulate Transistors
logo
ON Semiconductor
BD238G ONSEMI-BD238G Datasheet
68Kb / 4P
Plastic Medium Power Bipolar Transistors
November, 2005 ??Rev. 14
BD238G ONSEMI-BD238G Datasheet
93Kb / 5P
Plastic Medium Power Bipolar Transistors
December, 2013 ??Rev. 17
logo
Unisonic Technologies
BD238G-T6S-K UTC-BD238G-T6S-K Datasheet
109Kb / 3P
-80V, PNP TRANSISTOR
BD238L-T6S-K UTC-BD238L-T6S-K Datasheet
109Kb / 3P
-80V, PNP TRANSISTOR
More results


Similar Description - BD238_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MPSA56 SECOS-MPSA56 Datasheet
67Kb / 1P
-0.5A , -80V PNP Plastic Encapsulated Transistor
logo
Unisonic Technologies
BD238 UTC-BD238 Datasheet
109Kb / 3P
-80V, PNP TRANSISTOR
logo
Rohm
2SAR586D ROHM-2SAR586D Datasheet
1Mb / 9P
PNP -5.0A -80V Middle Power Transistor
logo
Diodes Incorporated
BCX5316Q DIODES-BCX5316Q Datasheet
316Kb / 7P
80V PNP MEDIUM POWER TRANSISTOR
Rev 3
MMSTA56Q DIODES-MMSTA56Q Datasheet
403Kb / 5P
80V PNP SMALL SIGNAL TRANSISTOR
Rev 1
logo
Rohm
2SAR574D3 ROHM-2SAR574D3 Datasheet
1Mb / 11P
PNP -2.0A -80V Power Transistor
2SAR586D3 ROHM-2SAR586D3 Datasheet
1Mb / 11P
PNP -5.0A -80V Power Transistor
2SAR574D3FRA ROHM-2SAR574D3FRA Datasheet
1Mb / 10P
PNP -2.0A -80V Power Transistor
2SAR586D3FRA ROHM-2SAR586D3FRA Datasheet
1Mb / 10P
PNP -5.0A -80V Power Transistor
2SB1644J ROHM-2SB1644J Datasheet
373Kb / 7P
PNP -4A -80V Power Transistor
2013.03 - Rev.A
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com