Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10E451 Datasheet (PDF) - Micrel Semiconductor

SY10E451 Datasheet PDF - Micrel Semiconductor
Part # SY10E451
Download  SY10E451 Download
File Size   63.13 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 6-BIT REGISTER DIFFERENTIAL DATA CLOCK

SY10E451 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10E451 Datasheet PDF - Micrel Semiconductor

Part # SY10E451
Download  SY10E451 Click to download

File Size   63.13 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 6-BIT REGISTER DIFFERENTIAL DATA CLOCK

SY10E451 Datasheet (HTML) - Micrel Semiconductor


SY10E451 Product details

DESCRIPTION
The SY10/100E451 offer six D-type flip-flops with single-ended outputs and differential data and clock inputs, designed for use in new, high-performance ECL systems. The registers are triggered by the rising edge of the CLK input.

FEATURES
■ 1100MHz min. toggle frequency
■ Extended 100E VEE range of –4.2V to –5.5V
■ Differential inputs: data and clock
■ VBB output for single-ended use
■ Asynchronous Master Reset
■ Fully compatible with industry standard 10KH, 100K ECL levels
■ Internal 75KΩ input pulldown resistors
■ Fully compatible with Motorola MC10E/100E451
■ Available in 28-pin PLCC package




Similar Part No. - SY10E451

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E451 MICREL-SY10E451 Datasheet
63Kb / 4P
6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY10E451JC MICREL-SY10E451JC Datasheet
63Kb / 4P
6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY10E451JCTR MICREL-SY10E451JCTR Datasheet
63Kb / 4P
6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY10E451JI MICREL-SY10E451JI Datasheet
63Kb / 4P
6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY10E451JITR MICREL-SY10E451JITR Datasheet
63Kb / 4P
6-BIT REGISTER DIFFERENTIAL DATA CLOCK
More results


Similar Description - SY10E451

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E451 ONSEMI-MC10E451 Datasheet
112Kb / 4P
6-BIT D REGISTER DIFFERENTIAL DATA AND CLOCK
1996 REV 2
MC10E452 ONSEMI-MC10E452 Datasheet
111Kb / 4P
5-BIT DIFFERENTIAL REGISTER
1996 REV 2
logo
Micrel Semiconductor
SY10E452 MICREL-SY10E452 Datasheet
63Kb / 4P
5-BIT DIFFERENTIAL REGISTER
logo
ON Semiconductor
MC10EP451 ONSEMI-MC10EP451 Datasheet
91Kb / 10P
3.3V / 5VECL 6-Bit Differential Register with Master Reset
June, 2004 ??Rev. 6
MC10E451 ONSEMI-MC10E451_06 Datasheet
134Kb / 9P
5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY10E451 MICREL-SY10E451_06 Datasheet
63Kb / 4P
6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY10EP451L MICREL-SY10EP451L Datasheet
398Kb / 10P
3.3V ECL 6-Bit Differential Register with Master Reset
SY10EP451L_0705 MICREL-SY10EP451L_0705 Datasheet
443Kb / 10P
3.3V ECL 6-Bit Differential Register with Master Reset
logo
ON Semiconductor
MC10E451 ONSEMI-MC10E451_16 Datasheet
165Kb / 9P
5 V ECL 6-Bit D Register Differential Data and Clock
July, 2016 ??Rev. 10
MC10EP451 ONSEMI-MC10EP451_14 Datasheet
114Kb / 10P
ECL 6-Bit Differential Register
June, 2014 ??Rev. 10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com