Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10E457 Datasheet (PDF) - Micrel Semiconductor

SY10E457 Datasheet PDF - Micrel Semiconductor
Part # SY10E457
Download  SY10E457 Download
File Size   61.27 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER

SY10E457 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10E457 Datasheet PDF - Micrel Semiconductor

Part # SY10E457
Download  SY10E457 Click to download

File Size   61.27 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER

SY10E457 Datasheet (HTML) - Micrel Semiconductor


SY10E457 Product details

DESCRIPTION
The SY10/100E457 are 3-bit differential 2:1 multiplexers. The fully differential data path makes the devices ideal for multiplexing low skew clock or other skew sensitive signals. Multiple VBB pins are provided to ease AC coupling input signals.

FEATURES
■ Differential D and Q
■ Extended 100E VEE range of –4.2V to –5.5V
■ VBB output for single-ended use
■ 700ps max. propagation delay
■ High frequency outputs
■ Separate and common select
■ Internal 75KΩ input pulldown resistors
■ Available in 28-pin PLCC package




Similar Part No. - SY10E457

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E457 MICREL-SY10E457 Datasheet
63Kb / 4P
TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER
SY10E457JC MICREL-SY10E457JC Datasheet
63Kb / 4P
TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER
SY10E457JCTR MICREL-SY10E457JCTR Datasheet
63Kb / 4P
TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER
SY10E457JZ MICREL-SY10E457JZ Datasheet
63Kb / 4P
TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER
SY10E457JZTR MICREL-SY10E457JZTR Datasheet
63Kb / 4P
TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER
More results


Similar Description - SY10E457

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL56 ONSEMI-MC100LVEL56 Datasheet
113Kb / 4P
Dual Differential 2:1 Multiplexer
1996 REV 1
MC100LVEL59 ONSEMI-MC100LVEL59 Datasheet
98Kb / 3P
Triple 2:1 Multiplexer
1996 REV 1
MC10E457 ONSEMI-MC10E457 Datasheet
110Kb / 5P
TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER
1996 REV 2
MC10EP56 ONSEMI-MC10EP56 Datasheet
106Kb / 8P
Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
logo
Integrated Circuit Syst...
ICS85301 ICST-ICS85301 Datasheet
301Kb / 19P
2:1 DIFFERENTIAL-TO-LVPECL MULTIPLEXER
REV. A JANUARY 16, 2006
logo
ON Semiconductor
MC10E457 ONSEMI-MC10E457_06 Datasheet
135Kb / 9P
5V ECL Triple Differential 2:1 Multiplexer
November, 2006 ??Rev. 8
MC100LVEL59 ONSEMI-MC100LVEL59_06 Datasheet
109Kb / 6P
3.3V ECL Triple 2:1 Multiplexer
November, 2006 ??Rev. 4
logo
Micrel Semiconductor
SY10E457 MICREL-SY10E457_06 Datasheet
63Kb / 4P
TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10E457 ONSEMI-MC10E457_16 Datasheet
167Kb / 9P
5V ECL Triple Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
logo
Renesas Technology Corp
854S01I RENESAS-854S01I Datasheet
654Kb / 16P
2:1 Differential-to-LVDS Multiplexer
September 29, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com