Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10EL11V Datasheet (PDF) - Micrel Semiconductor

SY10EL11V Datasheet PDF - Micrel Semiconductor
Part # SY10EL11V
Download  SY10EL11V Download
File Size   52.76 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER

SY10EL11V Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10EL11V Datasheet PDF - Micrel Semiconductor

Part # SY10EL11V
Download  SY10EL11V Click to download

File Size   52.76 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER

SY10EL11V Datasheet (HTML) - Micrel Semiconductor


SY10EL11V Product details

DESCRIPTION
The SY10/100EL11V are 1:2 differential fanout gates. These devices are functionally similar to the E111A/L devices, with higher performance capabilities. Having within-device skews and output transition times significantly improved over the E111A/L, the EL11V is ideally suited for those applications which require the ultimate in AC performance.
The differential inputs of the EL11V employ clamping circuitry to maintain stability under open input conditions. If the inputs are left open (pulled to VEE), the Q outputs will go LOW.

FEATURES
■ 3.3V and 5V power supply options
■ 265ps propagation delay
■ 5ps skew between outputs
■ High bandwidth output transitions
■ Internal 75KΩ input pull-down resistors
■ Replaces SY10/100EL11
■ Improved output waveform characteristics
■ Available in 8-pin SOIC package




Similar Part No. - SY10EL11V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL11V MICREL-SY10EL11V Datasheet
289Kb / 10P
5V/3.3V 1:2 Differential Fanout Buffer
SY10EL11VZC MICREL-SY10EL11VZC Datasheet
59Kb / 5P
5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
SY10EL11VZC MICREL-SY10EL11VZC Datasheet
247Kb / 8P
1:2 DIFFERENTIAL FANOUT BUFFER
SY10EL11VZCTR MICREL-SY10EL11VZCTR Datasheet
59Kb / 5P
5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
SY10EL11VZCTR MICREL-SY10EL11VZCTR Datasheet
247Kb / 8P
1:2 DIFFERENTIAL FANOUT BUFFER
More results


Similar Description - SY10EL11V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100EL11 FAIRCHILD-100EL11 Datasheet
130Kb / 5P
5V ECL 1:2 Differential Fanout Buffer
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11 Datasheet
76Kb / 8P
3.3V / 5V ECL 1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
logo
Fairchild Semiconductor
100LVEL11 FAIRCHILD-100LVEL11 Datasheet
131Kb / 6P
3.3V ECL 1:2 Differential Fanout Buffer
logo
Micrel Semiconductor
SY10EL11 MICREL-SY10EL11 Datasheet
59Kb / 5P
5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_06 Datasheet
163Kb / 11P
3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
MC100LVEL11 ONSEMI-MC100LVEL11_06 Datasheet
141Kb / 8P
3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Micrel Semiconductor
SY10EP11U MICREL-SY10EP11U Datasheet
512Kb / 10P
2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY10EL11V MICREL-SY10EL11V_14 Datasheet
289Kb / 10P
5V/3.3V 1:2 Differential Fanout Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com