Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10EL34 Datasheet (PDF) - Micrel Semiconductor

SY10EL34 Datasheet PDF - Micrel Semiconductor
Part # SY10EL34
Download  SY10EL34 Download
File Size   57.33 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP

SY10EL34 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10EL34 Datasheet PDF - Micrel Semiconductor

Part # SY10EL34
Download  SY10EL34 Click to download

File Size   57.33 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP

SY10EL34 Datasheet (HTML) - Micrel Semiconductor


SY10EL34 Product details

DESCRIPTION
The SY10/100EL34/L are low skew ÷2, ÷4, ÷8 clock generation chips designed explicitly for low skew clock generation applications. The internal dividers are synchronous to each other, therefore, the common output edges are all precisely aligned. The devices can be driven by either a differential or single-ended ECL or, if positive power supplies are used, PECL input signal. In addition, by using the VBB output, a sinusoidal source can be AC coupled into the device. If a single-ended input is to be used, the VBB output should be connected to the CLK input and bypassed to ground via a 0.01µF capacitor. The VBB output is designed to act as the switching reference for the input of the EL34/L under single-ended input conditions. As a result, this pin can only source/sink up to 0.5mA of current.
The common enable (EN) is synchronous so that the internal dividers will only be enabled/disabled when the internal clock is already in the LOW state. This avoids any chance of generating a runt clock pulse on the internal clock when the device is enabled/disabled as can happen with an asynchronous control. An internal runt pulse could lead to losing synchronization between the internal divider stages. The internal enable flip-flop is clocked on the falling edge of the divider stages. The internal enable flip-flop is clocked on the falling edge of the input clock, therefore, all associated specification limits are referenced to the negative edge of the clock input.
Upon start-up, the internal flip-flops will attain a random state; the master reset (MR) input allows for the synchronization of the internal dividers, as well as for multiple EL34/Ls in a system.

FEATURES
■ 3.3V and 5V power supply options
■ 50ps output-to-output skew
■ Synchronous enable/disable
■ Master Reset for synchronization
■ Internal 75KΩ input pull-down resistors
■ Available in 16-pin SOIC package




Similar Part No. - SY10EL34

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL34 MICREL-SY10EL34 Datasheet
61Kb / 5P
5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
SY10EL34 MICREL-SY10EL34 Datasheet
176Kb / 7P
5V/3.3V 첨2, 첨4, 첨8 Clock Generation Chip
SY10EL34L MICREL-SY10EL34L Datasheet
61Kb / 5P
5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
SY10EL34LZC MICREL-SY10EL34LZC Datasheet
61Kb / 5P
5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
SY10EL34LZCTR MICREL-SY10EL34LZCTR Datasheet
61Kb / 5P
5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
More results


Similar Description - SY10EL34

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL34 ONSEMI-MC10EL34 Datasheet
94Kb / 3P
첨2,첨4,첨8 Clock Generation Chip
1996 REV 2
logo
Micrel Semiconductor
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
(첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
logo
ON Semiconductor
MC100LVEL34 ONSEMI-MC100LVEL34 Datasheet
145Kb / 10P
3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100EL34 ONSEMI-MC100EL34 Datasheet
69Kb / 8P
5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
October, 2000 ??Rev. 3
MC10EL34 ONSEMI-MC10EL34_06 Datasheet
133Kb / 8P
5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 10
MC100LVEL34 ONSEMI-MC100LVEL34_06 Datasheet
145Kb / 10P
3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
logo
Micrel Semiconductor
SY10EL34 MICREL-SY10EL34_06 Datasheet
61Kb / 5P
5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834_09 Datasheet
82Kb / 6P
(첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY10EL34 MICREL-SY10EL34_11 Datasheet
176Kb / 7P
5V/3.3V 첨2, 첨4, 첨8 Clock Generation Chip
logo
Microchip Technology
SY100EL34 MICROCHIP-SY100EL34 Datasheet
752Kb / 14P
5V/3.3V 첨2, 첨4, 첨8 Clock Generation Chip
02/28/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com