Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10ELT22L Datasheet (PDF) - Micrel Semiconductor

SY10ELT22L Datasheet PDF - Micrel Semiconductor
Part # SY10ELT22L
Download  SY10ELT22L Download
File Size   51.24 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR

SY10ELT22L Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10ELT22L Datasheet PDF - Micrel Semiconductor

Part # SY10ELT22L
Download  SY10ELT22L Click to download

File Size   51.24 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR

SY10ELT22L Datasheet (HTML) - Micrel Semiconductor


SY10ELT22L Product details

DESCRIPTION
The SY10/100ELT22L are dual TTL-to-differential PECL translators with +3.3V power supply. Because PECL (Positive ECL) levels are used, only +3.3V and ground are required. The small outline 8-lead SOIC package and the low skew, dual gate design of the ELT22L makes it ideal for applications which require the tranlation of a clock and a data signal.
The ELT22L is available in both ECL standards: the 10ELT is compatible with positive ECL 10H logic levels, while the 100ELT is compatible with positive ECL 100K logic levels.

FEATURES
■ 3.3V power supply
■ 300ps typical propagation delay
■ <100ps output-to-output skew
■ Differential PECL outputs
■ PNP TTL inputs for minimal loading
■ Flow-through pinouts
■ Available in 8-pin SOIC package




Similar Part No. - SY10ELT22L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10ELT22L MICREL-SY10ELT22L Datasheet
82Kb / 5P
3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22L MICREL-SY10ELT22L Datasheet
68Kb / 5P
3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22LZC MICREL-SY10ELT22LZC Datasheet
82Kb / 5P
3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22LZC MICREL-SY10ELT22LZC Datasheet
68Kb / 5P
3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22LZCTR MICREL-SY10ELT22LZCTR Datasheet
82Kb / 5P
3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
More results


Similar Description - SY10ELT22L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
logo
Micrel Semiconductor
SY10ELT20V MICREL-SY10ELT20V Datasheet
50Kb / 4P
5V/3.3V TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY89222L MICREL-SY89222L Datasheet
42Kb / 5P
3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22 MICREL-SY10ELT22_05 Datasheet
82Kb / 5P
DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT20V MICREL-SY10ELT20V_06 Datasheet
119Kb / 6P
5V/3.3V TTL-TO-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22L MICREL-SY10ELT22L_05 Datasheet
82Kb / 5P
3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT23 MICREL-SY10ELT23_08 Datasheet
56Kb / 5P
DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT22L MICREL-SY10ELT22L_08 Datasheet
68Kb / 5P
3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22 MICREL-SY10ELT22_08 Datasheet
54Kb / 5P
DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
logo
ON Semiconductor
MC10ELT22 ONSEMI-MC10ELT22_15 Datasheet
82Kb / 7P
Dual TTL to Differential PECL Translator
August, 2015 ??Rev. 10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com