Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10EP01V Datasheet (PDF) - Micrel Semiconductor

SY10EP01V Datasheet PDF - Micrel Semiconductor
Part # SY10EP01V
Download  SY10EP01V Download
File Size   80.84 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 4-INPUT OR/NOR

SY10EP01V Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10EP01V Datasheet PDF - Micrel Semiconductor

Part # SY10EP01V
Download  SY10EP01V Click to download

File Size   80.84 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 4-INPUT OR/NOR

SY10EP01V Datasheet (HTML) - Micrel Semiconductor


SY10EP01V Product details

DESCRIPTION
The SY10EP01V is a 4-input OR/NOR gate. The device is functionally equivalent to the EL01 device, E101 (a quad version). The SY10EP01V is ideal for applications requiring the fastest AC performance available.

FEATURES
■ 3.3V and 5V power supply options
■ 230ps typical propagation delay
■ High bandwidth to 3GHz
■ 75kΩ internal input pulldown resistors
■ Q output will default LOW with inputs open
■ Available in 8-pin MSOP and SOIC packages




Similar Part No. - SY10EP01V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP01V MICREL-SY10EP01V Datasheet
491Kb / 6P
5V/3.3V 4-INPUT OR/NOR
SY10EP01VKC MICREL-SY10EP01VKC Datasheet
491Kb / 6P
5V/3.3V 4-INPUT OR/NOR
SY10EP01VKCTR MICREL-SY10EP01VKCTR Datasheet
491Kb / 6P
5V/3.3V 4-INPUT OR/NOR
SY10EP01VKG MICREL-SY10EP01VKG Datasheet
491Kb / 6P
5V/3.3V 4-INPUT OR/NOR
SY10EP01VKGTR MICREL-SY10EP01VKGTR Datasheet
491Kb / 6P
5V/3.3V 4-INPUT OR/NOR
More results


Similar Description - SY10EP01V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL01 ONSEMI-MC10EL01 Datasheet
70Kb / 2P
4-Input OR/NOR
1996 REV 2
MC10EP01 ONSEMI-MC10EP01 Datasheet
83Kb / 10P
3.3V / 5V ECL 4-Input OR/NOR
June, 2004 ??Rev. 6
logo
Micrel Semiconductor
SY10EL01 MICREL-SY10EL01 Datasheet
47Kb / 4P
4-INPUT OR/NOR
logo
ON Semiconductor
MC10E101 ONSEMI-MC10E101_06 Datasheet
124Kb / 7P
5VECL Quad 4-Input OR/NOR Gate
November, 2006 ??Rev. 8
MC10EP01 ONSEMI-MC10EP01_06 Datasheet
156Kb / 10P
3.3V / 5V ECL 4?묲nput OR/NOR
December, 2006 ??Rev. 8
MC10EL01 ONSEMI-MC10EL01_06 Datasheet
144Kb / 9P
5V ECL 4-Input OR/NOR
December, 2006 ??Rev. 5
MC10EP101 ONSEMI-MC10EP101_06 Datasheet
154Kb / 9P
3.3V / 5V ECL Quad 4?묲nput OR/NOR
November, 2006 ??Rev. 11
logo
Micrel Semiconductor
SY10EL01 MICREL-SY10EL01_06 Datasheet
49Kb / 4P
4-INPUT OR/NOR
SY10EP01V MICREL-SY10EP01V_06 Datasheet
491Kb / 6P
5V/3.3V 4-INPUT OR/NOR
logo
Semtech Corporation
SK10EL01WD SEMTECH-SK10EL01WD Datasheet
108Kb / 4P
4-input OR / NOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com