Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY605 Datasheet (PDF) - Micrel Semiconductor

SY605 Datasheet PDF - Micrel Semiconductor
Part # SY605
Download  SY605 Download
File Size   79.54 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 125MHz WRITE PROGRAMMABLE TIMING EDGE VERNIER

SY605 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY605 Datasheet PDF - Micrel Semiconductor

Part # SY605
Download  SY605 Click to download

File Size   79.54 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 125MHz WRITE PROGRAMMABLE TIMING EDGE VERNIER

SY605 Datasheet (HTML) - Micrel Semiconductor


SY605 Product details

DESCRIPTION
Micrel-Synergys SY605 is an ECL-compatible timing vernier (delay generator) whose time delay is programmed via an 8-bit code which is loaded via an independent "WRITE" input. The SY605 is fabricated in Micrel-Synergys proprietary ASSET™ bipolar process.

FEATURES
■ True 125MHz retrigger rate
■ Pin-compatible with Bt605
■ 15ps delay resolution
■ Less than ± 1 LSB timing accuracy
■ Differential TRIGGER and delay WRITE inputs
■ Delay spans from 4 to 40ns
■ Compatible with 10KH ECL logic
■ Lower power dissipation 350mW typical
■ Available in 28-pin plastic (PLCC) or metal (MLCC) J-lead package




Similar Part No. - SY605

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SY605 LUMINIS-SY605 Datasheet
364Kb / 2P
Cast aluminum ventilated top cover.
More results


Similar Description - SY605

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1023 DALLAS-DS1023 Datasheet
261Kb / 16P
8-Bit Programmable Timing Element
logo
Micrel Semiconductor
SY604 MICREL-SY604 Datasheet
78Kb / 8P
125MHz TRIGGER PROGRAMMABLE TIMING EDGE VERNIER
logo
Integrated Circuit Syst...
ICS950201 ICST-ICS950201 Datasheet
206Kb / 16P
Programmable Timing Control Hub??for P4?
ICS950910 ICST-ICS950910 Datasheet
183Kb / 20P
Programmable Timing Control Hub for P4
logo
Vitesse Semiconductor C...
VSC6048 VITESSE-VSC6048 Datasheet
204Kb / 18P
High-Speed Octal Programmable Timing Generator
logo
PhaseLink Corporation
PL611S-18 PLL-PL611S-18 Datasheet
223Kb / 9P
0.5kHz-125MHz MHz to KHz Programmable ClockTM
logo
Dallas Semiconductor
DS1023S-25 DALLAS-DS1023S-25 Datasheet
257Kb / 16P
8-Bit Programmable Timing Element
logo
TE Connectivity Ltd
SCF TEC-SCF Datasheet
181Kb / 1P
4 user-programmable timing modes
logo
Maxim Integrated Produc...
DS1023 MAXIM-DS1023 Datasheet
257Kb / 16P
8-Bit Programmable Timing Element
070505
DS1123L MAXIM-DS1123L Datasheet
178Kb / 14P
3.3V, 8-Bit, Programmable Timing Element
Rev 2; 8/07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com