Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL78201 Datasheet (PDF) - Intersil Corporation

ISL78201 Datasheet PDF - Intersil Corporation
Part # ISL78201
Download  ISL78201 Download
File Size   917.76 Kbytes
Page   23 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 40V 2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter

ISL78201 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL78201 Datasheet PDF - Intersil Corporation

Part # ISL78201
Download  ISL78201 Click to download

File Size   917.76 Kbytes
Page   23 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 40V 2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter

ISL78201 Datasheet (HTML) - Intersil Corporation


ISL78201 Product details

The ISL78201 is an AEC-Q100 qualified 40V, 2.5A synchronous
buck or boost buck controller with a high-side MOSFET and
low-side driver integrated. In buck mode, the ISL78201 supports
a wide input range of 3V to 40V. In boost-buck mode, the input
range can be extended down to 2.5V and output regulation can be
maintained when VIN drops below VOUT, enabling sensitive
electronics to remain on during cold-cranking and start-stop
applications.
The ISL78201 has a flexible selection of operation modes
including forced PWM mode and an optional switch to PFM mode
for light loads. In PFM mode, the quiescent input current is as low
as 300µA and can be further reduced to 180µA with AUXVCC
connected to VOUT under 12V VIN and 5V VOUT application. The
load boundary between PFM and PWM can be programmed to
cover wide applications.

Features
• Buck Mode: input voltage range 3V to 40V (refer to “Input
Voltage” on page 15 for more details)
• Boost mode expands operating input voltage lower than 2.5V
(refer to “Input Voltage” on page 15 for more details)
• Selectable forced PWM mode or PFM mode
• 300µA IC quiescent current (PFM, no load); 180µA input
quiescent current (PFM, no load, VOUT tied to AUXVCC)
• Less than 5µA (MAX) shutdown input current (IC disabled)
• Operational topologies
- Synchronous buck
- Non-synchronous buck
- Two stage boost buck
- Non-inverting single inductor buck boost
• Programmable frequency from 200kHz - 2.2MHz and
frequency synchronization capability
• ±1% Tight voltage regulation accuracy
• Reliable cycle-by-cycle overcurrent protection
- Temperature compensated current sense
- Programmable OC limit
- Frequency foldback and hiccup mode protection
• 20 Ld HTSSOP package
• AEC-Q100 qualified
• Pb-free (RoHS compliant)

Applications
• Automotive applications
• General purpose power regulator
• 24V Bus power
• Battery power
• Embedded processor and I/O supplies




Similar Part No. - ISL78201

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78201 RENESAS-ISL78201 Datasheet
1Mb / 23P
40V 2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78201AVEZ RENESAS-ISL78201AVEZ Datasheet
1Mb / 23P
40V 2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
More results


Similar Description - ISL78201

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78200 INTERSIL-ISL78200 Datasheet
963Kb / 19P
2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
September 22, 2011
ISL85402 INTERSIL-ISL85402 Datasheet
901Kb / 18P
2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
September 29, 2011
ISL85402IRZ-TK INTERSIL-ISL85402IRZ-TK Datasheet
1Mb / 22P
2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
April 25, 2013
ISL78200AVEZ INTERSIL-ISL78200AVEZ Datasheet
978Kb / 22P
2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
December 24, 2013
logo
Altera Corporation
ER3125QI ALTERA-ER3125QI Datasheet
2Mb / 30P
MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL85403 INTERSIL-ISL85403 Datasheet
966Kb / 24P
2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
March 13, 2015
logo
Renesas Technology Corp
ISL78200 RENESAS-ISL78200 Datasheet
1Mb / 22P
2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78201 RENESAS-ISL78201 Datasheet
1Mb / 23P
40V 2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL85402 RENESAS-ISL85402 Datasheet
1Mb / 22P
2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL85403 RENESAS-ISL85403 Datasheet
1Mb / 24P
2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com