Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88905 Datasheet (PDF) - Micrel Semiconductor

SY88905 Datasheet PDF - Micrel Semiconductor
Part # SY88905
Download  SY88905 Download
File Size   107.02 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description LASER DIODE CONTROLLER WITH APC

SY88905 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY88905 Datasheet PDF - Micrel Semiconductor

Part # SY88905
Download  SY88905 Click to download

File Size   107.02 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description LASER DIODE CONTROLLER WITH APC

SY88905 Datasheet (HTML) - Micrel Semiconductor


SY88905 Product details

DESCRIPTION
The SY88905 is an integrated Laser Diode controller for the SY88902 Laser Driver and SY88903 Laser Receiver that provides power control functions for a complete module solution. The SY88905 is designed to provide the laser diode with an independent DC threshold current (IBIAS) source to assure optimum laser diode performance. The SY88905 also provides buffered Loss-of-Signal (LOS) output in PECL level. The device is designed for fast and accurate calibration of the laser diode.

FEATURES
■ DC bias current adjustable to 25mA
■ Buffered Loss-of-Signal output when used with SY88903
■ Monitor Diode power control circuit
■ Designed for use with SY88902 and SY88903
■ Single power supply
■ Available in 10-pin (3mm) MSOP

APPLICATIONS
■ Controller for High Speed Optical Data Transmission
■ 1.25Gbps Gigabit Ethernet
■ 531 Mbps and 1062Mbps Fibre Channel
■ 622Mbps SONET
■ Gigabit Interface Converter




Similar Part No. - SY88905

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88905 MICREL-SY88905 Datasheet
82Kb / 10P
LASER DIODE CONTROLLER WITH APC
SY88905KC MICREL-SY88905KC Datasheet
82Kb / 10P
LASER DIODE CONTROLLER WITH APC
SY88905KCTR MICREL-SY88905KCTR Datasheet
82Kb / 10P
LASER DIODE CONTROLLER WITH APC
SY88905KH MICREL-SY88905KH Datasheet
82Kb / 10P
LASER DIODE CONTROLLER WITH APC
SY88905KHTR MICREL-SY88905KHTR Datasheet
82Kb / 10P
LASER DIODE CONTROLLER WITH APC
More results


Similar Description - SY88905

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6240C ELANTEC-EL6240C Datasheet
138Kb / 2P
Dual Laser Driver with APC Amp
EL6241C ELANTEC-EL6241C Datasheet
138Kb / 2P
Dual Laser Driver with APC Amp
logo
Micrel Semiconductor
SY88905 MICREL-SY88905_05 Datasheet
82Kb / 10P
LASER DIODE CONTROLLER WITH APC
logo
Asahi Kasei Microsystem...
AK2573A AKM-AK2573A Datasheet
267Kb / 38P
125M / 156M Laser Diode Driver APC
logo
Micrel Semiconductor
SY88212L MICREL-SY88212L Datasheet
456Kb / 10P
3.3V, 2.5Gbps Laser Diode Driver with Integrated Bias and APC
logo
IC-Haus GmbH
IC-VJ ICHAUS-IC-VJ Datasheet
293Kb / 10P
LASER DIODE CONTROLLER
VJSO16N ICHAUS-VJSO16N Datasheet
293Kb / 10P
LASER DIODE CONTROLLER
logo
Roithner LaserTechnik G...
ADL-65075TA4 ROITHNER-ADL-65075TA4 Datasheet
176Kb / 2P
Visible Laser Diode with integrated APC
logo
Renesas Technology Corp
ISL58113 RENESAS-ISL58113 Datasheet
500Kb / 9P
Laser Diode Driver with APC Amplifier for Printers
ISL58115 RENESAS-ISL58115 Datasheet
500Kb / 9P
Laser Diode Driver with APC Amplifier for Printers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com