Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88922 Datasheet (PDF) - Micrel Semiconductor

SY88922 Datasheet PDF - Micrel Semiconductor
Part # SY88922
Download  SY88922 Download
File Size   84.59 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description SDH/SONET 2.5Gbps LASER DIODE DRIVER

SY88922 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY88922 Datasheet PDF - Micrel Semiconductor

Part # SY88922
Download  SY88922 Click to download

File Size   84.59 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description SDH/SONET 2.5Gbps LASER DIODE DRIVER

SY88922 Datasheet (HTML) - Micrel Semiconductor


SY88922 Product details

DESCRIPTION
The SY88922 is a high-speed current switch for driving a semiconductor laser diode in optical transmission applications. The output current, or modulation current IMOD, is DC current controlled by IRSET, current through the resistor RSET. The output OUT is HIGH when output enable is HIGH.
The device incorporates complementary open collector outputs with a capability of driving peak current of 25mA. The resistor REXT must be placed between /OUT and VCC to dissipate the worst case power. RSER is recommended to compensate for laser diode matching issues.
The SY88922 utilizes the high performance bipolar ASSET™ technology.

FEATURES
■ Up to 2.5Gbps operation
■ 25mA peak drive current
■ Separate modulation control
■ Separate output enable for laser safety
■ Differential inputs for data
■ 75KΩ input pulldown resistor
■ Designed for use with SY88923, SY88904 or SY88905
■ Available in a tiny 10-pin (3mm) MSOP

APPLICATIONS
■ 1.25Gbps Gigabit Ethernet
■ 531Mbps and 1062Mbps Fibre Channel
■ 622Mbps SONET
■ Gigabit Interface Converter
■ 2.5Gb/s SDH/SONET




Similar Part No. - SY88922

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88922 MICREL-SY88922 Datasheet
479Kb / 6P
SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922 MICREL-SY88922 Datasheet
485Kb / 6P
SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922KC MICREL-SY88922KC Datasheet
479Kb / 6P
SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922KC MICREL-SY88922KC Datasheet
485Kb / 6P
SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922KCTR MICREL-SY88922KCTR Datasheet
479Kb / 6P
SDH/SONET 2.5Gbps LASER DIODE DRIVER
More results


Similar Description - SY88922

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3867 MAXIM-MAX3867 Datasheet
193Kb / 12P
3.3V, 2.5Gbps SDH/SONET Laser Driver with Automatic Power Control
19-4769; Rev 0a; 9/98
MAX3869 MAXIM-MAX3869 Datasheet
468Kb / 16P
3.3V, 2.5Gbps SDH/SONET Laser Driver with Current Monitors and APC
19-1570; Rev 0; 12/99
logo
Vitesse Semiconductor C...
VSC7927 VITESSE-VSC7927 Datasheet
124Kb / 12P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7928 VITESSE-VSC7928 Datasheet
131Kb / 10P
SONET/SDH 3.2Gb/s Laser Diode Driver
VSC7924 VITESSE-VSC7924 Datasheet
110Kb / 12P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7925 VITESSE-VSC7925 Datasheet
106Kb / 10P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
SONET/SDH 2.5Gb/s Laser Diode Driver
logo
Micrel Semiconductor
SY88922 MICREL-SY88922_06 Datasheet
479Kb / 6P
SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922 MICREL-SY88922_11 Datasheet
485Kb / 6P
SDH/SONET 2.5Gbps LASER DIODE DRIVER
logo
Maxim Integrated Produc...
MAX3869 MAXIM-MAX3869_V01 Datasheet
679Kb / 15P
3.3V, 2.5Gbps SDH/SONET Laser Driver with Current Monitors and APC
2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com