Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88943V Datasheet (PDF) - Micrel Semiconductor

SY88943V Datasheet PDF - Micrel Semiconductor
Part # SY88943V
Download  SY88943V Download
File Size   71.45 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT

SY88943V Datasheet (PDF)

Go To PDF Page Download Datasheet
SY88943V Datasheet PDF - Micrel Semiconductor

Part # SY88943V
Download  SY88943V Click to download

File Size   71.45 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT

SY88943V Datasheet (HTML) - Micrel Semiconductor


SY88943V Product details

DESCRIPTION
The SY88943V limiting post amplifier with its high gain and wide bandwidth is ideal for use as a post amplifier in fiber-optic receivers with data rates up to 2.5Gbps. Signals as small as 5mVp-p can be amplified to drive devices with PECL inputs. The SY88943V generates a chatter-free Signal Detect (SD) open collector TTL output.

FEATURES
■ 3.3V and 5V power supply options
■ Up to 2.5Gbps operation
■ Low noise
■ Chatter-fee signal detect (SD) generation
■ Open collector TTL signal detect (SD) output
■ TTL EN input
■ Differential PECL inputs for data
■ Single power supply
■ Designed for use with Micrel-Synergy laser diode driver and controller
■ Available in a tiny (3mm) 10-pin MSOP

APPLICATIONS
■ 1.25Gbps and 2.5Gbps ethernet
■ 531Mbps, 1062Mbps and 2.12Gbps Fibre Channel
■ 622Mbps SONET
■ Gigabit interface converter
■ 2.5Gbps SDH/SONET
■ 2.5Gbps proprietary links




Similar Part No. - SY88943V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88943V MICREL-SY88943V Datasheet
53Kb / 6P
5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
SY88943VKC MICREL-SY88943VKC Datasheet
53Kb / 6P
5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
SY88943VKCTR MICREL-SY88943VKCTR Datasheet
53Kb / 6P
5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
SY88943VKG MICREL-SY88943VKG Datasheet
53Kb / 6P
5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
SY88943VKGTR MICREL-SY88943VKGTR Datasheet
53Kb / 6P
5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
More results


Similar Description - SY88943V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88713V MICREL-SY88713V Datasheet
55Kb / 8P
3.3V/5V 622 Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/PECL SIGNAL DETECT
SY88813V MICREL-SY88813V Datasheet
56Kb / 8P
3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER WITH PECL SIGNAL DETECT
SY88793V MICREL-SY88793V Datasheet
61Kb / 8P
3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88893V MICREL-SY88893V Datasheet
60Kb / 8P
3.3V/5V 155Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL SIGNAL DETECT
SY88933AL MICREL-SY88933AL_07 Datasheet
325Kb / 9P
3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
SY88933V MICREL-SY88933V_06 Datasheet
62Kb / 8P
3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88943V MICREL-SY88943V_05 Datasheet
53Kb / 6P
5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
SY88933V MICREL-SY88933V_08 Datasheet
74Kb / 8P
3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88305BL MICREL-SY88305BL Datasheet
391Kb / 11P
3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Signal-Detect Range
SY88309BL MICREL-SY88309BL Datasheet
340Kb / 11P
3.3V, 3.2Gbps PECL Limiting Post Amplifier with Wide Signal-Detect Range
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com