Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY89420 Datasheet (PDF) - Micrel Semiconductor

SY89420 Datasheet PDF - Micrel Semiconductor
Part # SY89420
Download  SY89420 Download
File Size   92.17 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V DUAL PHASE LOCKED LOOP

SY89420 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY89420 Datasheet PDF - Micrel Semiconductor

Part # SY89420
Download  SY89420 Click to download

File Size   92.17 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V DUAL PHASE LOCKED LOOP

SY89420 Datasheet (HTML) - Micrel Semiconductor


SY89420 Product details

DESCRIPTION
The SY89420V device consists of two identical, low jitter, digital Phase Locked Loops based on Micrel-Synergys differential PLL technology. Each of the PLLs (PLLA and PLLB) is capable of operating in the 30MHz to 560MHz input reference frequency range independently of the other and is configurable separately. The PLLs can be configured to be matched in all regards, or can be configured so that PLLB is used as a frequency doubler, while PLLA is used to regenerate the undoubled frequency.

FEATURES
■ 3.3V and 5V power supply options
■ 1.12GHz maximum VCO frequency
■ 30MHz to 560MHz reference input operating frequency
■ Frequency doubler mode
■ Low jitter design
■ PECL differential outputs
■ PECL and TTL reference voltages available
■ External loop filter optimizes performance/cost
■ Available in 28-pin PLCC package

APPLICATIONS
■ Workstations
■ Advanced communications
■ High-end consumer
■ High-performance computing




Similar Part No. - SY89420

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89421V MICREL-SY89421V Datasheet
81Kb / 8P
5V/3.3V HIGH-PERFORMANCE PHASE LOCKED LOOP
SY89421VZC MICREL-SY89421VZC Datasheet
81Kb / 8P
5V/3.3V HIGH-PERFORMANCE PHASE LOCKED LOOP
SY89421VZCTR MICREL-SY89421VZCTR Datasheet
81Kb / 8P
5V/3.3V HIGH-PERFORMANCE PHASE LOCKED LOOP
SY89423V MICREL-SY89423V Datasheet
98Kb / 8P
5V/3.3V DUAL HIGH-PERFORMANCE PHASE LOCKED LOOP
SY89423V MICREL-SY89423V Datasheet
80Kb / 8P
5V/3.3V DUAL HIGH-PERFORMANCE
More results


Similar Description - SY89420

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89421V MICREL-SY89421V Datasheet
81Kb / 8P
5V/3.3V HIGH-PERFORMANCE PHASE LOCKED LOOP
SY89423V MICREL-SY89423V Datasheet
98Kb / 8P
5V/3.3V DUAL HIGH-PERFORMANCE PHASE LOCKED LOOP
logo
RF Micro Devices
PLL350-777Y RFMD-PLL350-777Y Datasheet
273Kb / 3P
5V NARROWBAND PHASE-LOCKED LOOP
PLL350-881Y RFMD-PLL350-881Y Datasheet
273Kb / 3P
5V NARROWBAND PHASE-LOCKED LOOP
PLL350-1120Y RFMD-PLL350-1120Y Datasheet
273Kb / 3P
5V NARROWBAND PHASE-LOCKED LOOP
PLL350-2444Y RFMD-PLL350-2444Y Datasheet
273Kb / 3P
5V NARROWBAND PHASE-LOCKED LOOP
PLL400-875Y RFMD-PLL400-875Y Datasheet
270Kb / 3P
5V NARROWBAND PHASE-LOCKED LOOP
PLL400-915AY RFMD-PLL400-915AY Datasheet
270Kb / 3P
5V NARROWBAND PHASE-LOCKED LOOP
PLL400-1500Y RFMD-PLL400-1500Y Datasheet
269Kb / 3P
5V NARROWBAND PHASE-LOCKED LOOP
PLL400-1950AY RFMD-PLL400-1950AY Datasheet
270Kb / 3P
5V NARROWBAND PHASE-LOCKED LOOP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com