Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY89426 Datasheet (PDF) - Micrel Semiconductor

SY89426 Datasheet PDF - Micrel Semiconductor
Part # SY89426
Download  SY89426 Download
File Size   90.57 Kbytes
Page   6 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description SONET OC-12/OC-3 CLOCK SYNTHESIZER

SY89426 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY89426 Datasheet PDF - Micrel Semiconductor

Part # SY89426
Download  SY89426 Click to download

File Size   90.57 Kbytes
Page   6 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description SONET OC-12/OC-3 CLOCK SYNTHESIZER

SY89426 Datasheet (HTML) - Micrel Semiconductor


SY89426 Product details

DESCRIPTION
Micrels SY89426 Multi-Output Phase Locked Loop (PLL) is a SONET compliant clock generator providing 622.08MHz, 155.52MHz and retimed reference clock outputs. The PLL produces low jitter OC-12/STS-12 and OC-3/STS-3 rate clocks from an input reference clock of 38.88, 51.84, or 77.76MHz. Additionally, the input reference clock is retimed and provided as a TTL/CMOS compatible output, which may be disabled to minimize switching noise. The SY89426 operates from a single +5 volt supply, and requires only a simple series RC loop filter.

FEATURES
■ Single chip source for 622.08MHz and 155.52MHz clocks
■ 622.08MHz output is differential PECL, 155.52MHz output is single-ended PECL
■ TTL/CMOS compatible inputs and reference output
■ SONET compliant jitter performance (≤0.01UI)
■ Choice of three reference frequencies
■ Only 395mW (typ)
■ Complies with Bellcore, CCITT and ANSI standards
■ Single +5 volt power supply
■ Fully compatible with industry standard 10KH I/O levels
■ Available in 28-pin PLCC package




Similar Part No. - SY89426

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89426JC MICREL-SY89426JC Datasheet
78Kb / 7P
SONET OC-12/OC-3 CLOCK SYNTHESIZER
SY89426JCTR MICREL-SY89426JCTR Datasheet
78Kb / 7P
SONET OC-12/OC-3 CLOCK SYNTHESIZER
SY89426JY MICREL-SY89426JY Datasheet
78Kb / 7P
SONET OC-12/OC-3 CLOCK SYNTHESIZER
SY89426JYTR MICREL-SY89426JYTR Datasheet
78Kb / 7P
SONET OC-12/OC-3 CLOCK SYNTHESIZER
SY89426 MICREL-SY89426_05 Datasheet
78Kb / 7P
SONET OC-12/OC-3 CLOCK SYNTHESIZER
More results


Similar Description - SY89426

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89425 MICREL-SY89425 Datasheet
93Kb / 8P
DUAL SONET OC-12 CLOCK SYNTHESIZER
logo
Texas Instruments
SLK2511 TI-SLK2511 Datasheet
303Kb / 21P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2701 TI-SLK2701 Datasheet
298Kb / 21P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
Applied Micro Circuits ...
CS1220 AMCC-CS1220 Datasheet
108Kb / 2P
SONET/SDH/ATM Quad OC-3/12 with Clock Data Recovery (CDR)
CS1221 AMCC-CS1221 Datasheet
116Kb / 2P
OC-3/12 SONET/SDH 8-bit Quad Transceiver
logo
DB Lectro Inc
SLK2511B DBLECTRO-SLK2511B Datasheet
573Kb / 21P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
Texas Instruments
SLK2511B TI-SLK2511B Datasheet
528Kb / 21P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
Micrel Semiconductor
SY89426 MICREL-SY89426_05 Datasheet
78Kb / 7P
SONET OC-12/OC-3 CLOCK SYNTHESIZER
logo
Texas Instruments
SLK2511C TI1-SLK2511C Datasheet
699Kb / 22P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2511C TI1-SLK2511C_13 Datasheet
573Kb / 22P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com