Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C32 Datasheet (PDF) - Microchip Technology

24C32 Datasheet PDF - Microchip Technology
Part # 24C32
Download  24C32 Download
File Size   94.78 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 32K 5.0V I2C Smart Serial EEPROM

24C32 Datasheet (PDF)

Go To PDF Page Download Datasheet
24C32 Datasheet PDF - Microchip Technology

Part # 24C32
Download  24C32 Click to download

File Size   94.78 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 32K 5.0V I2C Smart Serial EEPROM

24C32 Datasheet (HTML) - Microchip Technology


24C32 Product details

DESCRIPTION

The Microchip Technology Inc. 24C32 is a 4K x 8 (32K bit) Serial Electrically Erasable PROM. This device has been developed for advanced, low power applications such as personal communications or data acquisition. The 24C32 features an input cache for fast write loads with a capacity of eight 8-byte pages, or 64 bytes.



FEATURES

• Voltage operating range: 4.5V to 5.5V

- Peak write current 3 mA at 5.5V

- Maximum read current 150 µA at 5.5V

- Standby current 1 µA typical

• Industry standard two-wire bus protocol, I2C™ compatible

- Including 100 kHz and 400 kHz modes

• Self-timed write cycle (including auto-erase)

• Power on/off data protection circuitry

• Endurance:

- 10,000,000 Erase/Write cycles guaranteed for High Endurance Block

- 1,000,000 E/W cycles guaranteed for Standard Endurance Block

• 8 byte page, or byte modes available

• 1 page x 8 line input cache (64 bytes) for fast write loads

• Schmitt trigger, filtered inputs for noise suppression

• Output slope control to eliminate ground bounce

• 2 ms typical write cycle time, byte or page

• Up to 8 chips may be connected to the same bus for up to 256K bits total memory

• Electrostatic discharge protection > 4000V

• Data retention > 200 years

• 8-pin PDIP/SOIC packages

• Temperature ranges

- Commercial (C): 0˚C to +70˚C

- Industrial (I): -40˚C to +85˚C




Similar Part No. - 24C32

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C32 MICROCHIP-24C32 Datasheet
137Kb / 14P
32K 5.0V I2C Smart Serial EEPROM
2004
logo
ATMEL Corporation
24C32 ATMEL-24C32 Datasheet
207Kb / 19P
2-Wire Serial EEPROM
logo
Microchip Technology
24C32-/SM MICROCHIP-24C32-/SM Datasheet
137Kb / 14P
32K 5.0V I2C Smart Serial EEPROM
2004
24C32-/SP MICROCHIP-24C32-/SP Datasheet
137Kb / 14P
32K 5.0V I2C Smart Serial EEPROM
2004
24C32-I/SM MICROCHIP-24C32-I/SM Datasheet
137Kb / 14P
32K 5.0V I2C Smart Serial EEPROM
2004
More results


Similar Description - 24C32

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C32 MICROCHIP-24C32_04 Datasheet
137Kb / 14P
32K 5.0V I2C Smart Serial EEPROM
2004
24LC32 MICROCHIP-24LC32 Datasheet
137Kb / 14P
32K 2.5V I2C??Smart Serial EEPROM
2004
24AA32 MICROCHIP-24AA32_04 Datasheet
137Kb / 14P
32K 1.8V I2C??Smart Serial??EEPROM
2004
24FC65 MICROCHIP-24FC65_04 Datasheet
168Kb / 14P
64K 5.0V 1 MHz I2C??Smart Serial??EEPROM
2004
24AA32A MICROCHIP-24AA32A_09 Datasheet
652Kb / 34P
32K I2C??Serial EEPROM
2009
24LC32AIP MICROCHIP-24LC32AIP Datasheet
1Mb / 44P
32K I2C??Serial EEPROM
2002-2012
24AA32A MICROCHIP-24AA32A_13 Datasheet
1Mb / 44P
32K I2C Serial EEPROM
11/29/11
24LC32A-I MICROCHIP-24LC32A-I Datasheet
1Mb / 44P
32K I2C Serial EEPROM
11/29/11
24AA32A MICROCHIP-24AA32A Datasheet
1,019Kb / 42P
32K I2C Serial EEPROM
01/05/10
24LC32A MICROCHIP-24LC32A Datasheet
1,019Kb / 42P
32K I2C Serial EEPROM
01/05/10
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com