Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC41 Datasheet (PDF) - Microchip Technology

24LC41 Datasheet PDF - Microchip Technology
Part # 24LC41
Download  24LC41 Download
File Size   98.77 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1K/4K 2.5V Dual Mode, Dual Port I 2 C Serial EEPROM

24LC41 Datasheet (PDF)

Go To PDF Page Download Datasheet
24LC41 Datasheet PDF - Microchip Technology

Part # 24LC41
Download  24LC41 Click to download

File Size   98.77 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1K/4K 2.5V Dual Mode, Dual Port I 2 C Serial EEPROM

24LC41 Datasheet (HTML) - Microchip Technology


24LC41 Product details

Description
The Microchip Technology Inc. 24LC41 is a dual-port 128 x 8 and 512 x 8-bit Electrically Erasable PROM (EEPROM). This device is designed for use in applications requiring storage and serial transmission of configuration and control information. Three modes of operation have been implemented:
• Transmit-only mode for the DDC Monitor Port
• Bidirectional mode for the DDC Monitor Port
• Bidirectional, industry-standard 2-wire bus for the
   4K Microcontroller Access Port

Features
• Single supply with operation down to 2.5V
• Completely implements DDC1™/DDC2™ interface
   for monitor identification
• Separate high speed 2-wire bus for
   microcontroller access to 4K-bit Serial EEPROM
• Low-power CMOS technology
• 2 mA active current typical
• 20 µA standby current typical at 5.5V
• Dual 2-wire serial interface bus
• Hardware write-protect for both ports
• Self-timed write cycle (including auto-erase)
• Page write buffer for up to 8 bytes (DDC port) or
   16 bytes (4K Port)
• 100 kHz (2.5V) and 400 kHz (5V) compatibility
• 1,000,000 erase/write cycles ensured
• Data retention > 40 years
• 8-pin PDIP package
• Available for extended temperature ranges
   - Commercial (C): 0°C to +70°C
   - Industrial (I): -40°C to +85°C




Similar Part No. - 24LC41

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC41 MICROCHIP-24LC41 Datasheet
139Kb / 18P
1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2004
24LC41A MICROCHIP-24LC41A Datasheet
233Kb / 18P
1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2003
24LC41A-/P MICROCHIP-24LC41A-/P Datasheet
233Kb / 18P
1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2003
24LC41A-I/P MICROCHIP-24LC41A-I/P Datasheet
233Kb / 18P
1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2003
24LC41IP MICROCHIP-24LC41IP Datasheet
139Kb / 18P
1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2004
More results


Similar Description - 24LC41

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC21 MICROCHIP-24LC21 Datasheet
81Kb / 12P
1K 2.5V Dual Mode I 2 C Serial EEPROM
2004
24LC21A MICROCHIP-24LC21A Datasheet
115Kb / 16P
1K 2.5V Dual Mode I 2 C Serial EEPROM
2003
24LCS21 MICROCHIP-24LCS21 Datasheet
91Kb / 12P
1K 2.5V Dual Mode I 2 C Serial EEPROM
1996
24LCS21A MICROCHIP-24LCS21A Datasheet
115Kb / 16P
1K 2.5V Dual Mode I 2 C Serial EEPROM
1996
24LC41 MICROCHIP-24LC41_04 Datasheet
139Kb / 18P
1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2004
24LCS21 MICROCHIP-24LCS21_05 Datasheet
378Kb / 24P
1K 2.5V Dual Mode I 2 C Serial EEPROM
2005
24LC21A MICROCHIP-24LC21A_03 Datasheet
239Kb / 18P
1K 2.5V Dual Mode I 2 C Serial EEPROM
2003
24LC41A MICROCHIP-24LC41A Datasheet
233Kb / 18P
1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2003
24LC21 MICROCHIP-24LC21_13 Datasheet
379Kb / 24P
1K 2.5V Dual Mode I2C??Serial EEPROM
10/26/12
24LC21A MICROCHIP-24LC21A Datasheet
180Kb / 18P
1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com