Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25LC040 Datasheet (PDF) - Microchip Technology

25LC040 Datasheet PDF - Microchip Technology
Part # 25LC040
Download  25LC040 Download
File Size   240.7 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 4K SPI ??Bus Serial EEPROM

25LC040 Datasheet (PDF)

Go To PDF Page Download Datasheet
25LC040 Datasheet PDF - Microchip Technology

Part # 25LC040
Download  25LC040 Click to download

File Size   240.7 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 4K SPI ??Bus Serial EEPROM

25LC040 Datasheet (HTML) - Microchip Technology


25LC040 Product details

DESCRIPTION

The Microchip Technology Inc. 25AA040/25LC040/25C040 (25xx040*) is a 4K bit serial Electrically Erasable PROM. The memory is accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data out (SO) lines. Access to the device is controlled through a chip select (CS) input.



FEATURES

• Low power CMOS technology

   - Write current: 3 mA typical

   - Read current: 500 µA typical

   - Standby current: 500 nA typical

• 512 x 8 bit organization

• 16 byte page

• Write cycle time: 5ms max.

• Self-timed ERASE and WRITE cycles

• Block write protection

   - Protect none, 1/4, 1/2, or all of array

• Built-in write protection

   - Power on/off data protection circuitry

   - Write enable latch

   - Write protect pin

• Sequential read

• High reliability

   - Endurance: 10M cycles (guaranteed)

   - Data retention: > 200 years

   - ESD protection: > 4000 V

• 8-pin PDIP, SOIC, and TSSOP packages

• Temperature ranges supported:

   - Commercial: (C) 0°C to +70°C

   - Industrial: (I) -40°C to +85°C

   - Automotive: (E) (25C040) -40°C to +125°C



 




Similar Part No. - 25LC040

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC040 MICROCHIP-25LC040 Datasheet
335Kb / 22P
4K SPI Bus Serial EEPROM
08/29/06
25LC040-E/P MICROCHIP-25LC040-E/P Datasheet
419Kb / 22P
4K SPI ??Bus Serial EEPROM
2006
25LC040-E/SN MICROCHIP-25LC040-E/SN Datasheet
419Kb / 22P
4K SPI ??Bus Serial EEPROM
2006
25LC040-E/ST MICROCHIP-25LC040-E/ST Datasheet
419Kb / 22P
4K SPI ??Bus Serial EEPROM
2006
25LC040-I/P MICROCHIP-25LC040-I/P Datasheet
419Kb / 22P
4K SPI ??Bus Serial EEPROM
2006
More results


Similar Description - 25LC040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST95P04 STMICROELECTRONICS-ST95P04 Datasheet
151Kb / 16P
SERIAL ACCESS SPI BUS 4K 512 x 8 EEPROM
Jun-1996
logo
Fairchild Semiconductor
NM25C040 FAIRCHILD-NM25C040 Datasheet
101Kb / 10P
4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
logo
Microchip Technology
25AA040 MICROCHIP-25AA040_06 Datasheet
419Kb / 22P
4K SPI ??Bus Serial EEPROM
2006
25AA040A MICROCHIP-25AA040A Datasheet
571Kb / 28P
4K SPI Bus Serial EEPROM
2007
25AA040A MICROCHIP-25AA040A_09 Datasheet
475Kb / 30P
4K SPI Bus Serial EEPROM
2009
logo
Sanyo Semicon Device
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
Serial SPI EEPROM (SPI Bus)(128Kbit)
logo
Microchip Technology
25LC040P MICROCHIP-25LC040P Datasheet
421Kb / 22P
4K SPI Bus Serial EEPROM
2006
25AA040A MICROCHIP-25AA040A_12 Datasheet
1Mb / 38P
4K SPI Bus Serial EEPROM
11/27/12
25AA040 MICROCHIP-25AA040 Datasheet
335Kb / 22P
4K SPI Bus Serial EEPROM
08/29/06
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com