Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL29043 Datasheet (PDF) - Intersil Corporation

ISL29043 Datasheet PDF - Intersil Corporation
Part # ISL29043
Download  ISL29043 Download
File Size   627.52 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output

ISL29043 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL29043 Datasheet PDF - Intersil Corporation

Part # ISL29043
Download  ISL29043 Click to download

File Size   627.52 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output

ISL29043 Datasheet (HTML) - Intersil Corporation


ISL29043 Product details

The ISL29043 is an integrated ambient and infrared
light-to-digital converter with a built-in IR LED and I2C Interface
(SMBus Compatible). This device uses two independent ADCs
for concurrently measuring ambient light and proximity in
parallel. The flexible interrupt scheme is designed for minimal
microcontroller utilization.
For ambient light sensor (ALS) data conversions, an ADC
converts photodiode current (with a light sensitivity range up to
2000 Lux) in 100ms per sample. The ADC rejects 50Hz/60Hz
flicker noise caused by artificial light sources.
For proximity sensor (Prox) data conversions, the built-in driver
turns on an internal infrared LED and the proximity sensor ADC
converts the reflected IR intensity to digital. This ADC rejects
ambient IR noise (such as sunlight) and has a 540μs
conversion time.
The ISL29043 provides low power operation of ALS and
proximity sensing with a typical 136μA normal operation
current (110μA for sensors and internal circuitry, ~28μA for
LED) with 220mA current pulses for a net 100μs, repeating
every 800ms (or under).
The ISL29043 uses both a hardware pin and software bits to
indicate an interrupt event has occurred. An ALS interrupt is
defined as a measurement that is outside a set window. A
proximity interrupt is defined as a measurement over a
threshold limit. The user may also require that both ALS/Prox
interrupts occur at once, up to 16 times in a row before
activating the interrupt pin.
The ISL29043 is designed to operate from 2.25V to 3.63V over
the -40°C to +85°C ambient temperature range. It is packaged in
a clear, lead-free 10 Ld ODFN package.

Features
• Internal LED + Sensor = Complete Solution
• Works Under All Light Sources Including Sunlight
• Dual ADCs Measure ALS/Prox Concurrently
• <1.0μA Supply Current When Powered Down
• Temperature Compensated
• Pb-Free (RoHS compliant)
Intelligent and Flexible Interrupts
• Independent ALS/Prox Interrupt Thresholds
• Adjustable Interrupt Persistency
- 1/4/8/16 Consecutive Triggers Required Before Interrupt

Applications
• Display and Keypad Dimming Adjustment and Proximity
Sensing for:
- Mobile Devices: Smart Phone, PDA, GPS
- Computing Devices: Laptop PC, Netbook, Tablet PC
- Consumer Devices: LCD-TV, Digital Picture Frame, Digital
Camera
- Industrial and Medical Light and Proximity Sensing




Similar Part No. - ISL29043

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29043 INTERSIL-ISL29043 Datasheet
862Kb / 16P
Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
February 9, 2012
logo
Renesas Technology Corp
ISL29043 RENESAS-ISL29043 Datasheet
1Mb / 16P
Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
logo
Intersil Corporation
ISL29043IROMZ-EVALZ INTERSIL-ISL29043IROMZ-EVALZ Datasheet
862Kb / 16P
Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
February 9, 2012
logo
Renesas Technology Corp
ISL29043IROMZ-EVALZ RENESAS-ISL29043IROMZ-EVALZ Datasheet
1Mb / 16P
Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
logo
Intersil Corporation
ISL29043IROMZ-T7 INTERSIL-ISL29043IROMZ-T7 Datasheet
862Kb / 16P
Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
February 9, 2012
More results


Similar Description - ISL29043

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29043 INTERSIL-ISL29043 Datasheet
862Kb / 16P
Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
February 9, 2012
ISL29044 INTERSIL-ISL29044 Datasheet
188Kb / 2P
Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
October 30, 2012
ISL29044A INTERSIL-ISL29044A Datasheet
112Kb / 2P
Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 19, 2013
logo
Fairchild Semiconductor
FLD00060 FAIRCHILD-FLD00060 Datasheet
2Mb / 22P
I2C Digital Ambient Light and Proximity Sensor with Built-in IR LED
logo
Intersil Corporation
ISL29044IROMZ-T7 INTERSIL-ISL29044IROMZ-T7 Datasheet
533Kb / 19P
Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
October 30, 2012
ISL29044AIROMZ-T7 INTERSIL-ISL29044AIROMZ-T7 Datasheet
610Kb / 19P
Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 19, 2013
logo
AMIC Technology
ASR8800 AMICC-ASR8800 Datasheet
59Kb / 1P
Ambient Light, Solar_UV_Index, IR and Proximity Sensor
logo
Renesas Technology Corp
ISL29043 RENESAS-ISL29043 Datasheet
1Mb / 16P
Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
ISL29044 RENESAS-ISL29044 Datasheet
1Mb / 19P
Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
ISL29044A RENESAS-ISL29044A Datasheet
1Mb / 19P
Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com