Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL29102 Datasheet (PDF) - Intersil Corporation

ISL29102 Datasheet PDF - Intersil Corporation
Part # ISL29102
Download  ISL29102 Download
File Size   731.19 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power Ambient Light-to-Voltage Non-Linear Converter

ISL29102 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL29102 Datasheet PDF - Intersil Corporation

Part # ISL29102
Download  ISL29102 Click to download

File Size   731.19 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power Ambient Light-to-Voltage Non-Linear Converter

ISL29102 Datasheet (HTML) - Intersil Corporation


ISL29102 Product details

The ISL29102 is a low cost light-to-voltage silicon optical
sensor combining a photodiode array, a non-linear current
amplifier and a micro-power op amp on a single monolithic
IC. Similar to human eyes, the photodiode array has peak
sensitivity at 550nm and spans from 400nm to 600nm,
rejecting UV light and IR light. The input luminance range is
from 0.3 lux to 10,000 lux.
The integrated non-linear current amplifier boosts and
converts the photodiode signal in a square root fashion,
extending the light input dynamic range while maintaining
excellent sensitivity at dim conditions with low lux levels. The
device consumes minimal power over a wide range of
ambient lux levels because the current consumption ramps
at a square root fashion. A dark current compensation circuit
minimizes the effect of temperature dependent leakage
currents in the absence of light, improving the light sensitivity
at low lux levels while maintaining excellent sensitivity at low
lux levels. The built-in 1µA op amp gives the ISL29102 an
output voltage driving advantage for heavier loads.
The ISL29102 is housed in an ultra compact 2mmx2.1mm
ODFN plastic case surface mount package. Operation is
rated from -40°C to +85°C.

Features
• Square Root Voltage Output
• 0.3 lux to 10,000 lux Range
• 1.8V to 3.3V Supply Range
• Close to Human Eye Spectral Response
• Fast Response Time
• Internal Temperature Compensation
• Good IR Rejection
• Low Supply Current
• Operating Temperature Range -40°C to +85°C
• 6 Ld ODFN: 2mmx2.1mmx0.7mm
• Pb-Free (RoHS Compliant)

Applications
• Display and keypad dimming for:
- Mobile devices: smart phone, PDA, GPS
- Computing devices: notebook PC, webpod
- Consumer devices: LCD-TV, digital picture frame, digital
camera
• Industrial and medical light sensing




Similar Part No. - ISL29102

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29102 INTERSIL-ISL29102 Datasheet
733Kb / 9P
Low Power Ambient Light-to-Voltage Non-Linear Converter
July 15, 2010
logo
Renesas Technology Corp
ISL29102 RENESAS-ISL29102 Datasheet
887Kb / 10P
Low Power Ambient Light-to-Voltage Nonlinear Converter
logo
Intersil Corporation
ISL29102IROZ-EVALZ INTERSIL-ISL29102IROZ-EVALZ Datasheet
733Kb / 9P
Low Power Ambient Light-to-Voltage Non-Linear Converter
July 15, 2010
logo
Renesas Technology Corp
ISL29102IROZ-EVALZ RENESAS-ISL29102IROZ-EVALZ Datasheet
887Kb / 10P
Low Power Ambient Light-to-Voltage Nonlinear Converter
logo
Intersil Corporation
ISL29102IROZ-T7 INTERSIL-ISL29102IROZ-T7 Datasheet
733Kb / 9P
Low Power Ambient Light-to-Voltage Non-Linear Converter
July 15, 2010
More results


Similar Description - ISL29102

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL2562 TAOS-TSL2562 Datasheet
431Kb / 38P
LOW-VOLTAGE LIGHT-TO-DIGITAL CONVERTER
logo
Intersil Corporation
ISL29102 INTERSIL-ISL29102 Datasheet
733Kb / 9P
Low Power Ambient Light-to-Voltage Non-Linear Converter
July 15, 2010
ISL29009 INTERSIL-ISL29009 Datasheet
679Kb / 7P
Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
logo
Sharp Corporation
GA1A2S100SS SHARP-GA1A2S100SS Datasheet
428Kb / 10P
OPIC??Linear Output Ambient Light Sensor
logo
ams AG
TSL2563 AMSCO-TSL2563 Datasheet
1Mb / 43P
LOW-VOLTAGE LIGHT-TO-DIGITAL CONVERTER
logo
Intersil Corporation
ISL29009IROZ-T7 INTERSIL-ISL29009IROZ-T7 Datasheet
578Kb / 7P
Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
July 1, 2008
logo
ON Semiconductor
LA0151CS ONSEMI-LA0151CS Datasheet
160Kb / 7P
Ambient Light Sensor Linear Current Output
April 2015- Rev. 1
LA0152CS ONSEMI-LA0152CS Datasheet
189Kb / 7P
Ambient Light Sensor Linear Current Output
April 2015- Rev. 1
logo
Renesas Technology Corp
ISL29009 RENESAS-ISL29009 Datasheet
808Kb / 7P
Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
ISL29102 RENESAS-ISL29102 Datasheet
887Kb / 10P
Low Power Ambient Light-to-Voltage Nonlinear Converter
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com