Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL54053 Datasheet (PDF) - Intersil Corporation

ISL54053 Datasheet PDF - Intersil Corporation
Part # ISL54053
Download  ISL54053 Download
File Size   444.3 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch

ISL54053 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL54053 Datasheet PDF - Intersil Corporation

Part # ISL54053
Download  ISL54053 Click to download

File Size   444.3 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch

ISL54053 Datasheet (HTML) - Intersil Corporation


ISL54053 Product details

The Intersil ISL54053 device is a low ON-resistance, low
voltage, bidirectional, single pole/double throw (SPDT)
analog switch designed to operate from a single +1.8V
to +5.5V supply. Targeted applications include battery
powered equipment which benefit from low rON (0.8Ω)
and fast switching speeds (tON = 24ns, tOFF = 10ns).
The digital logic input is 1.8V logic compatible when
using a single +3.0V supply.
Cell phones, for example, often face ASIC functionality
limitations. The number of analog input or GPIO pins
may be limited and digital geometries are not well
suited to analog switch performance. This part may be
used to “mux-in” additional functionality while reducing
ASIC design risk. The ISL54053 is offered in the 6 Ld
1.2mmx1.0mmx0.5mm µTDFN and 6 Ld SOT-23
packages, alleviating board space limitations.
The ISL54053 is a committed SPDT that consists of one
normally open (NO) and one normally closed (NC)
switch. This configuration can also be used as a 2-to-1
multiplexer.

Features
• Drop In replacement for the NLAS5123
• ON-resistance (rON)
- VCC = +5.0V. . . . . . . . . . . . . . . . . . . . . 0.8Ω
- VCC = +3.0V. . . . . . . . . . . . . . . . . . . . . 1.1Ω
- VCC = +1.8V. . . . . . . . . . . . . . . . . . . . . 2.3Ω
• rON matching between channels . . . . . . . . . 0.004Ω
• rON flatness (+4.5V supply) . . . . . . . . . . . . 0.25Ω
• Single supply operation . . . . . . . . +1.8V to +5.5V
• Fast switching action (+4.5V supply)
- tON . . . . . . . . . . . . . . . . . . . . . . . . . . . 24ns
- tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . 10ns
• Guaranteed break-before-make
• ESD HBM rating . . . . . . . . . . . . . . . . . . . . . . >6kV
• 1.8V CMOS logic compatible (+3V supply)
• Available in 6 Ld µTDFN and 6Ld SOT-23 Packages
• Pb-free (RoHS compliant)

Applications
• Battery powered, handheld, and portable equipment
- Cellular/mobile phones
- Pagers
- Laptops, notebooks, palmtops
• Portable test and measurement
• Medical equipment
• Audio and video switching




Similar Part No. - ISL54053

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54053 INTERSIL-ISL54053 Datasheet
377Kb / 11P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
September 25, 2007
ISL54053 INTERSIL-ISL54053 Datasheet
445Kb / 12P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
October 19, 2009
ISL54053 INTERSIL-ISL54053 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54053 RENESAS-ISL54053 Datasheet
658Kb / 12P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Intersil Corporation
ISL54053IHZ-T INTERSIL-ISL54053IHZ-T Datasheet
445Kb / 12P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
October 19, 2009
More results


Similar Description - ISL54053

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43L220 INTERSIL-ISL43L220 Datasheet
437Kb / 13P
Ultra Low ON-Resistance, Low Voltage,Single Supply, Dual SPDT Analog Switch
April 12, 2005
ISL84714_0411 INTERSIL-ISL84714_0411 Datasheet
345Kb / 10P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
November 17, 2004
ISL84684 INTERSIL-ISL84684_07 Datasheet
380Kb / 13P
Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
July 31, 2007
ISL54053_0709 INTERSIL-ISL54053_0709 Datasheet
377Kb / 11P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
September 25, 2007
ISL54053 INTERSIL-ISL54053 Datasheet
445Kb / 12P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
October 19, 2009
ISL84762 INTERSIL-ISL84762 Datasheet
276Kb / 12P
Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
September 15, 2008
ISL84714 INTERSIL-ISL84714 Datasheet
228Kb / 10P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL84714IH-T INTERSIL-ISL84714IH-T Datasheet
225Kb / 10P
Ultra Low ON-Resistance, Low Voltage,Single Supply, SPDT Analog Switch
January 19, 2009
logo
Renesas Technology Corp
ISL54053 RENESAS-ISL54053 Datasheet
658Kb / 12P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL84714 RENESAS-ISL84714 Datasheet
523Kb / 10P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com