Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSW60 Datasheet (PDF) - RUBYCON CORPORATION

PSW60 Datasheet PDF - RUBYCON CORPORATION
Part # PSW60_15
Download  PSW60 Download
File Size   200.69 Kbytes
Page   2 Pages
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION
Description 85 to 264VAC universal input

PSW60 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSW60 Datasheet PDF - RUBYCON CORPORATION

Part # PSW60_15
Download  PSW60 Click to download

File Size   200.69 Kbytes
Page   2 Pages
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION
Description 85 to 264VAC universal input

PSW60 Datasheet (HTML) - RUBYCON CORPORATION




Similar Part No. - PSW60_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSW ETC-PSW Datasheet
117Kb / 2P
The Powersaver Weekly is a simple to use, multi application time switch.
logo
Omega Engineering, Inc.
PSW-1110 OMEGA-PSW-1110 Datasheet
5Mb / 3P
Digital, Miniature Pressure Switch with Display
logo
Altech corporation
PSW-120 ALTECH-PSW-120 Datasheet
720Kb / 2P
DIN Rail Power Supplies 5A 24VDC 120W
PSW-12012 ALTECH-PSW-12012 Datasheet
720Kb / 2P
DIN Rail Power Supplies 5A 24VDC 120W
PSW-12024 ALTECH-PSW-12024 Datasheet
720Kb / 2P
DIN Rail Power Supplies 5A 24VDC 120W
More results


Similar Description - PSW60_15

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MSW60 RUBYCON-MSW60 Datasheet
137Kb / 2P
85 to 264VAC universal input
logo
Wall Industries,Inc.
PSME15 WALL-PSME15 Datasheet
182Kb / 4P
85 - 264VAC (125 - 373VDC) Input Voltage Range
PSMP20 WALL-PSMP20 Datasheet
386Kb / 4P
85 - 264VAC (125 - 373VDC) Input Voltage Range
logo
Powerbox
AIM-AC POWERBOX-AIM-AC Datasheet
147Kb / 1P
Universal input: 85 to 264VAC
logo
Total Power Internation...
TPILED160 TOTAL-POWER-TPILED160 Datasheet
120Kb / 1P
Universal AC Input 90-264Vac
logo
Recom International Pow...
RAC150-G RECOM-RAC150-G Datasheet
932Kb / 8P
Universal Input 90-264VAC
RAC04-C230 RECOM-RAC04-C230 Datasheet
90Kb / 3P
Universal Input 80-264VAC
RAC35-G RECOM-RAC35-G Datasheet
548Kb / 5P
Universal Input 90-264VAC
RAC45-G RECOM-RAC45-G Datasheet
550Kb / 5P
Universal Input 90-264VAC
logo
Wall Industries,Inc.
PSFAA-03 WALL-PSFAA-03 Datasheet
181Kb / 3P
Universal Input of 85~264VAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com