Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93LC56 Datasheet (PDF) - Microchip Technology

93LC56 Datasheet PDF - Microchip Technology
Part # 93LC56
Download  93LC56 Download
File Size   222.94 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1K/2K/4K 2.0V Microwire Serial EEPROM

93LC56 Datasheet (PDF)

Go To PDF Page Download Datasheet
93LC56 Datasheet PDF - Microchip Technology

Part # 93LC56
Download  93LC56 Click to download

File Size   222.94 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1K/2K/4K 2.0V Microwire Serial EEPROM

93LC56 Datasheet (HTML) - Microchip Technology


93LC56 Product details

Description:

The Microchip Technology Inc. 93LC46/56/66 are 1K, 2K and 4K low voltage serial Electrically Erasable PROMs (EEPROM). The device memory is configured as x8 or x16 bits depending on the external logic of levels of the ORG pin. Advanced CMOS technology makes these devices ideal for low power nonvolatile memory applications. The 93LC Series is available in standard 8-pin PDIP and surface mount SOIC packages. The rotated pin-out 93LC46X/56X/66X are offered in the “SN” package only.



Features:

• Single supply with programming operation down to 2.5V

• Low-power CMOS technology

• 100 µA typical active read current at 2.5V

• 3 µA typical standby current at 2.5V

• ORG pin selectable memory configuration

• 128 x 8- or 64 x 16-bit organization (93LC46)

• 256 x 8- or 128 x 16-bit organization (93LC56)

• 512 x 8 or 256 x 16 bit organization (93LC66)

• Self-timed erase and write cycles (including auto-erase)

• Automatic ERAL before WRAL

• Power on/off data protection circuitry

• Industry standard 3-wire serial I/O

• Device status signal during erase/write cycles

• Sequential read function

• 1,000,000 E/W cycles ensured

• Data retention > 200 years

• 8-pin PDIP/SOIC (SOIC in JEDEC standards)

• Temperature ranges supported:

   - Industrial (I): -40°C to +85°C



 




Similar Part No. - 93LC56

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LC56 MICROCHIP-93LC56 Datasheet
328Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
2004
93LC56 MICROCHIP-93LC56 Datasheet
103Kb / 22P
Lowpower 3-wire non-volatile memories
1994 - 2002
93LC56 MICROCHIP-93LC56 Datasheet
321Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
2004
93LC56 MICROCHIP-93LC56 Datasheet
321Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC56 MICROCHIP-93LC56 Datasheet
321Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
More results


Similar Description - 93LC56

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93AA46 MICROCHIP-93AA46 Datasheet
95Kb / 12P
1K/2K/4K 1.8V Microwire Serial EEPROM
1996
93AA46 MICROCHIP-93AA46_04 Datasheet
357Kb / 22P
1K/2K/4K 1.8V Microwire Serial EEPROM
2004
93LC46 MICROCHIP-93LC46_04 Datasheet
328Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
2004
93LC56 MICROCHIP-93LC56 Datasheet
321Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
2004
93AA46 MICROCHIP-93AA46_13 Datasheet
345Kb / 22P
1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93LC46 MICROCHIP-93LC46_13 Datasheet
321Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC46SN MICROCHIP-93LC46SN Datasheet
321Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC46 MICROCHIP-93LC46 Datasheet
246Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93AA46-ISN MICROCHIP-93AA46-ISN Datasheet
345Kb / 22P
1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com