Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3204 Datasheet (PDF) - Microchip Technology

MCP3204 Datasheet PDF - Microchip Technology
Part # MCP3204
Download  MCP3204 Download
File Size   425.02 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface

MCP3204 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP3204 Datasheet PDF - Microchip Technology

Part # MCP3204
Download  MCP3204 Click to download

File Size   425.02 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface

MCP3204 Datasheet (HTML) - Microchip Technology


MCP3204 Product details

DESCRIPTION

The Microchip Technology Inc. MCP3204/3208 devices are successive approximation 12-bit Analog-to-Digital (A/D) Converters with on-board sample and hold circuitry. The MCP3204 is programmable to provide two pseudo-differential input pairs or four single-ended inputs. The MCP3208 is programmable to provide four pseudo-differential input pairs or eight single-ended inputs. Differential Nonlinearity (DNL) is specified at ±1 LSB, and Integral Nonlinearity (INL) is offered in ±1 LSB (MCP3204/3208-B) and ±2 LSB (MCP3204/3208-C) versions.



FEATURES

• 12-bit resolution

• ± 1 LSB max DNL

• ± 1 LSB max INL (MCP3204/3208-B)

• ± 2 LSB max INL (MCP3204/3208-C)

• 4 (MCP3204) or 8 (MCP3208) input channels

• Analog inputs programmable as single-ended or pseudo differential pairs

• On-chip sample and hold

• SPI® serial interface (modes 0,0 and 1,1)

• Single supply operation: 2.7V - 5.5V

• 100ksps max. sampling rate at VDD= 5V

• 50ksps max. sampling rate at VDD= 2.7V

• Low power CMOS technology

- 500 nA typical standby current, 2µA max.

- 400 µA max. active current at 5V

• Industrial temp range: -40°C to +85°C

• Available in PDIP, SOIC and TSSOP packages



APPLICATIONS

• Sensor Interface

• Process Control

• Data Acquisition

• Battery Operated Systems




Similar Part No. - MCP3204

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3204 MICROCHIP-MCP3204 Datasheet
753Kb / 40P
2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
2008
MCP3204-BI/P MICROCHIP-MCP3204-BI/P Datasheet
616Kb / 34P
2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI??Serial Interface
2007
MCP3204-BI/P MICROCHIP-MCP3204-BI/P Datasheet
753Kb / 40P
2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
2008
MCP3204-BI/SL MICROCHIP-MCP3204-BI/SL Datasheet
616Kb / 34P
2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI??Serial Interface
2007
MCP3204-BI/SL MICROCHIP-MCP3204-BI/SL Datasheet
753Kb / 40P
2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
2008
More results


Similar Description - MCP3204

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3201 MICROCHIP-MCP3201 Datasheet
377Kb / 20P
2.7V 12-Bit A/D Converter with SPI Serial Interface
1999
MCP3202 MICROCHIP-MCP3202 Datasheet
386Kb / 20P
2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
1999
MCP3202 MICROCHIP-MCP3202_06 Datasheet
523Kb / 28P
2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2006
MCP3201 MICROCHIP-MCP3201_07 Datasheet
489Kb / 28P
2.7V 12-Bit A/D Converter with SPI Serial Interface
2007
MCP3004 MICROCHIP-MCP3004_07 Datasheet
596Kb / 34P
2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI??Serial Interface
2007
MCP3204 MICROCHIP-MCP3204_07 Datasheet
616Kb / 34P
2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI??Serial Interface
2007
MCP3202 MICROCHIP-MCP3202_08 Datasheet
606Kb / 32P
2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3201 MICROCHIP-MCP3201_08 Datasheet
713Kb / 36P
2.7V 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3004 MICROCHIP-MCP3004_08 Datasheet
777Kb / 40P
2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI Serial Interface
2008
MCP3204 MICROCHIP-MCP3204_08 Datasheet
753Kb / 40P
2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
2008
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com