Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C717 Datasheet (PDF) - Microchip Technology

PIC16C717 Datasheet PDF - Microchip Technology
Part # PIC16C717
Download  PIC16C717 Download
File Size   3051.58 Kbytes
Page   200 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D

PIC16C717 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16C717 Datasheet PDF - Microchip Technology

Part # PIC16C717
Download  PIC16C717 Click to download

File Size   3051.58 Kbytes
Page   200 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D

PIC16C717 Datasheet (HTML) - Microchip Technology


PIC16C717 Product details

DEVICE OVERVIEW
This document contains device-specific information. Additional information may be found in the PICmicro™ Mid-Range Reference Manual, (DS33023), which may be obtained from your local Microchip Sales Representative or downloaded from the Microchip website. The Reference Manual should be considered a complementary document to this data sheet, and is highly recommended reading for a better understanding of the device architecture and operation of the peripheral modules.

Microcontroller Core Features:
• High-performance RISC CPU
• Only 35 single word instructions to learn
• All single cycle instructions except for program branches which are two cycle
• Operating speed: DC - 20 MHz clock input
                          DC - 200 ns instruction cycle
• Interrupt capability (up to 10 internal/external interrupt sources)
• Eight level deep hardware stack
• Direct, indirect and relative addressing modes
• Power-on Reset (POR)
• Power-up Timer (PWRT) and Oscillator Start-up Timer (OST)
• Watchdog Timer (WDT) with its own on-chip RC oscillator for reliable operation
• Selectable oscillator options:
   - INTRC - Internal RC, dual speed (4MHz and 37KHz) dynamically switchable for power savings
   - ER - External resistor, dual speed (user selectable frequency and 37KHz) dynamically switchable for power savings
   - EC - External clock
   - HS - High speed crystal/resonator
   - XT - Crystal/resonator
   - LP - Low power crystal
• Low-power, high-speed CMOS EPROM technology
• In-Circuit Serial Programming™ (ISCP)
• Wide operating voltage range: 2.5V to 5.5V
• 15 I/O pins with individual control for:
   - Direction (15 pins)
   - Digital/Analog input (6 pins)
   - PORTB interrupt on change (8 pins)
   - PORTB weak pull-up (8 pins)
   - High voltage open drain (1 pin)
• Commercial and Industrial temperature ranges
• Low-power consumption:
   - < 2 mA @ 5V, 4 MHz
   - 22.5 µA typical @ 3V, 32 kHz
   - < 1 µA typical standby current

Peripheral Features:
• Timer0: 8-bit timer/counter with 8-bit prescaler
• Timer1: 16-bit timer/counter with prescaler, can be incremented during sleep via external crystal/clock
• Timer2: 8-bit timer/counter with 8-bit period register, prescaler and postscaler
• Enhanced Capture, Compare, PWM (ECCP) module
   - Capture is 16 bit, max. resolution is 12.5 ns
   - Compare is 16 bit, max. resolution is 200 ns
   - PWM max. resolution is 10 bit
   - Enhanced PWM:
   - Single, Half-Bridge and Full-Bridge output modes
   - Digitally programmable deadband delay
• Analog-to-Digital converter:
   - PIC16C770/771 12-bit resolution
   - PIC16C717 10-bit resolution
• On-chip absolute bandgap voltage reference generator
• Programmable Brown-out Reset (PBOR) circuitry
• Programmable Low-Voltage Detection (PLVD) circuitry
• Master Synchronous Serial Port (MSSP) with two modes of operation:
   - 3-wire SPI™ (supports all 4 SPI modes)
   - I2C™ compatible including master mode support
• Program Memory Read (PMR) capability for look up table, character string storage and checksum calculation purposes




Similar Part No. - PIC16C717

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C717 MICROCHIP-PIC16C717 Datasheet
81Kb / 6P
C Silicon/Data Sheet Errata
2002
PIC16C717 MICROCHIP-PIC16C717 Datasheet
3Mb / 224P
18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D
11/29/12 1999-2013
PIC16C717 MICROCHIP-PIC16C717 Datasheet
94Kb / 6P
PIC16C717/770/771 Rev. C Silicon/Data Sheet Errata
08/01/02
PIC16C717-EP MICROCHIP-PIC16C717-EP Datasheet
94Kb / 6P
PIC16C717/770/771 Rev. C Silicon/Data Sheet Errata
08/01/02
PIC16C717 MICROCHIP-PIC16C717_02 Datasheet
81Kb / 6P
C Silicon/Data Sheet Errata
2002
More results


Similar Description - PIC16C717

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C77X MICROCHIP-PIC16C77X Datasheet
4Mb / 200P
28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
1999
PIC16C7X MICROCHIP-PIC16C7X Datasheet
2Mb / 288P
8-Bit CMOS Microcontrollers with A/D Converter
1997 - 1999
PIC17C7XX MICROCHIP-PIC17C7XX Datasheet
1Mb / 328P
High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
1998 - 1999
PIC16LC74B-16 MICROCHIP-PIC16LC74B-16 Datasheet
329Kb / 41P
8-Bit CMOS Microcontrollers with A/D Converter
1999 - 2002
PIC17C7XX MICROCHIP-PIC17C7XX_00 Datasheet
4Mb / 304P
High-Performance 8-bit CMOS EPROM Microcontrollers with 10-bit A/D
2000
PIC16C72 MICROCHIP-PIC16C72_13 Datasheet
1Mb / 128P
8-Bit CMOS Microcontrollers with A/D Converter
11/29/12 1998-2013
PIC16C77X MICROCHIP-PIC16C77X_13 Datasheet
4Mb / 202P
28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
11/29/12
PIC16C717 MICROCHIP-PIC16C717_13 Datasheet
3Mb / 224P
18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D
11/29/12 1999-2013
PIC17C7XX MICROCHIP-PIC17C7XX_13 Datasheet
4Mb / 306P
High-Performance 8-bit CMOS EPROM Microcontrollers with 10-bit A/D
11/29/12 1998-2013
PIC16LC63A-04 MICROCHIP-PIC16LC63A-04 Datasheet
1Mb / 184P
8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com