Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD-15530 Datasheet (PDF) - Intersil Corporation

HD-15530 Datasheet PDF - Intersil Corporation
Part # HD-15530
Download  HD-15530 Download
File Size   276.05 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Manchester Encoder-Decoder

HD-15530 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD-15530 Datasheet PDF - Intersil Corporation

Part # HD-15530
Download  HD-15530 Click to download

File Size   276.05 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Manchester Encoder-Decoder

HD-15530 Datasheet (HTML) - Intersil Corporation


HD-15530 Product details

Description
The Intersil HD-15530 is a high performance CMOS device
intended to service the requirements of MlL-STD-1553 and
similar Manchester II encoded, time division multiplexed
serial data protocols. This LSI chip is divided into two
sections, an Encoder and a Decoder. These sections
operate completely independent of each other, except for
the Master Reset functions.
This circuit meets many of the requirements of MIL-STD1553. The Encoder produces the sync pulse and the parity
bit as well as the encoding of the data bits. The Decoder
recognizes the sync pulse and identifies it as well as decoding the data bits and checking parity.
This integrated circuit is fully guaranteed to support the
1MHz data rate of MlL-STD-1553 over both temperature and
voltage. It interfaces with CMOS, TTL or N channel support
circuitry, and uses a standard 5V supply.
The HD-15530 can also be used in many party line digital
data communications applications, such as an environmental control system driven from a single twisted pair cable of
fiber optic cable throughout the building.

Features
• Support of MlL-STD-1553
• Data Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.25 MBit/s
• Sync Identification and Lock-In
• Clock Recovery
• Manchester II Encode, Decode
• Separate Encode and Decode
• Low Operating Power . . . . . . . . . . . . . . . . . 50mW at 5V




Similar Part No. - HD-15530

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
CMOS Manchester Encoder-Decoder
March 1997
logo
Renesas Technology Corp
HD-15530 RENESAS-HD-15530 Datasheet
724Kb / 13P
CMOS Manchester Encoder-Decoder
March 1997
logo
Intersil Corporation
HD-15530-8 INTERSIL-HD-15530-8 Datasheet
281Kb / 13P
CMOS Manchester Encoder-Decoder
March 1997
HD-15530-9 INTERSIL-HD-15530-9 Datasheet
281Kb / 13P
CMOS Manchester Encoder-Decoder
March 1997
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
CMOS Manchester Encoder-Decoder
March 1997
More results


Similar Description - HD-15530

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
CMOS Manchester Encoder-Decoder
March 1997
HD-15531 INTERSIL-HD-15531 Datasheet
115Kb / 8P
CMOS Manchester Encoder-Decoder
March 1997
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
CMOS Manchester Encoder-Decoder
March 1997
HD-15531883 INTERSIL-HD-15531883 Datasheet
177Kb / 8P
CMOS Manchester Encoder-Decoder
March 1997
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
CMOS Manchester Encoder-Decoder
March 1997
HD-6409 INTERSIL-HD-6409_05 Datasheet
277Kb / 12P
CMOS Manchester Encoder-Decoder
July 29, 2005
HD-15531 INTERSIL-HD-15531_02 Datasheet
266Kb / 16P
CMOS Manchester Encoder-Decoder
March 1997
HD3-6409-9 INTERSIL-HD3-6409-9 Datasheet
347Kb / 15P
CMOS Manchester Encoder-Decoder
October 1, 2015
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
CMOS Manchester Encoder-Decoder
HD-15531 RENESAS-HD-15531 Datasheet
732Kb / 16P
CMOS Manchester Encoder-Decoder
March 1997
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com