Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP50016JC-75 Datasheet (PDF) - Intersil Corporation

HSP50016JC-75 Datasheet PDF - Intersil Corporation
Part # HSP50016JC-75
Download  HSP50016JC-75 Download
File Size   259.69 Kbytes
Page   30 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digital Down Converter

HSP50016JC-75 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSP50016JC-75 Datasheet PDF - Intersil Corporation

Part # HSP50016JC-75
Download  HSP50016JC-75 Click to download

File Size   259.69 Kbytes
Page   30 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digital Down Converter

HSP50016JC-75 Datasheet (HTML) - Intersil Corporation


HSP50016JC-75 Product details

The Digital Down Converter (DDC) is a single chip
synthesizer, quadrature mixer and lowpass filter. Its input
data is a sampled data stream of up to 16 bits in width and
up to a 75 MSPS data rate. The DDC performs down
conversion, narrowband low pass filtering and decimation to
produce a baseband signal.
The internal synthesizer can produce a variety of signal
formats. They are: CW, frequency hopped, linear FM up
chirp, and linear FM down chirp. The complex result of the
modulation process is lowpass filtered and decimated with
identical real filters in the in-phase (I) and quadrature (Q)
processing chains.
Lowpass filtering is accomplished via a High Decimation
Filter (HDF) followed by a fixed Finite Impulse Response
(FIR) filter. The combined response of the two stage filter
results in a -3dB to -102dB shape factor of better than 1.5.
The stopband attenuation is greater than 106dB. The
composite passband ripple is less than 0.04dB. The
synthesizer and mixer can be bypassed so that the chip
operates as a single narrow band low pass filter.
The chip receives forty bit serial commands as a control
input. This interface is compatible with the serial I/O port
available on most microprocessors.
The output data can be configured in fixed point or single
precision floating point. The fixed point formats are 16,
24, 32, or 38-bit, two’s complement, signed magnitude, or
offset binary.
The circuit provides an IEEE 1149.1 Test Access Port.

Features
• 75 MSPS Input Data Rate
• 16-Bit Data Input; Offset Binary or 2’s Complement
Format
• Spurious Free Dynamic Range Through Modulator
>102dB
• Frequency Selectivity: <0.006Hz
• Identical Lowpass Filters for I and Q
• Passband Ripple: <0.04dB
• Stopband Attenuation: >104dB
• Filter -3dB to -102dB Shape Factor: <1.5
• Decimation Factors from 32 to 131,072
• IEEE 1149.1 Test Access Port
• HSP50016-EV Evaluation Board Available

Applications
• Cellular Base Stations
• Smart Antennas
• Channelized Receivers
• Spectrum Analysis
• Related Products: HI5703, HI5746, HI5766 A/Ds




Similar Part No. - HSP50016JC-75

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50016JC-75 INTERSIL-HSP50016JC-75 Datasheet
209Kb / 31P
Digital Down Converter
1999 02
HSP50016JC-75 INTERSIL-HSP50016JC-75 Datasheet
259Kb / 30P
Digital Down Converter
September 2000
logo
Renesas Technology Corp
HSP50016JC-75 RENESAS-HSP50016JC-75 Datasheet
780Kb / 31P
Digital Down Converter
Aug 4, 2016
More results


Similar Description - HSP50016JC-75

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3556N SONY-CXA3556N Datasheet
142Kb / 13P
IF Down Converter for Digital Broadcast
logo
Intersil Corporation
HSP50016 INTERSIL-HSP50016 Datasheet
209Kb / 31P
Digital Down Converter
1999 02
logo
Texas Instruments
GC5016 TI-GC5016 Datasheet
760Kb / 88P
WIDEBAND QUAD DIGITAL DOWN CONVERTER/ UP CONVERTER
logo
Analog Devices
AD6636 AD-AD6636 Datasheet
1Mb / 72P
150 MSPS Wideband Digital Down-Converter (DDC)
8/04-Revision 0
logo
Intersil Corporation
HSP50016 INTERSIL-HSP50016_00 Datasheet
259Kb / 30P
Digital Down Converter
September 2000
logo
California Eastern Labs
UPC3220GR CEL-UPC3220GR Datasheet
1Mb / 33P
LOW DISTORTION DOWN-CONVERTER IC FOR DIGITAL CATV
logo
Sanyo Semicon Device
LA7784FN SANYO-LA7784FN Datasheet
255Kb / 8P
For Digital CATV Down Converter IC
logo
M/A-COM Technology Solu...
MAIA-007495-000100 MA-COM-MAIA-007495-000100 Datasheet
105Kb / 5P
Down Converter
MADC-011010 MA-COM-MADC-011010 Datasheet
1Mb / 18P
Down Converter
logo
Renesas Technology Corp
HSP50016 RENESAS-HSP50016 Datasheet
780Kb / 31P
Digital Down Converter
Aug 4, 2016
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com