Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C71X Datasheet (PDF) - Microchip Technology

PIC16C71X Datasheet PDF - Microchip Technology
Part # PIC16C71X
Download  PIC16C71X Download
File Size   1656.66 Kbytes
Page   176 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Bit CMOS Microcontrollers with A/D Converter

PIC16C71X Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16C71X Datasheet PDF - Microchip Technology

Part # PIC16C71X
Download  PIC16C71X Click to download

File Size   1656.66 Kbytes
Page   176 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Bit CMOS Microcontrollers with A/D Converter

PIC16C71X Datasheet (HTML) - Microchip Technology


PIC16C71X Product details

GENERAL DESCRIPTION

The PIC16C71X is a family of low-cost, high-performance, CMOS, fully-static, 8-bit microcontrollers with integrated analog-to-digital (A/D) converters, in the PIC16CXX mid-range family.



Devices included in this data sheet:

• PIC16C710

• PIC16C71

• PIC16C711

• PIC16C715



PIC16C71X Microcontroller Core Features:

• High-performance RISC CPU

• Only 35 single word instructions to learn

• All single cycle instructions except for program branches which are two cycle

• Operating speed: DC - 20 MHz clock input DC - 200 ns instruction cycle

• Up to 2K x 14 words of Program Memory, up to 128 x 8 bytes of Data Memory (RAM)

• Interrupt capability

• Eight level deep hardware stack

• Direct, indirect, and relative addressing modes

• Power-on Reset (POR)

• Power-up Timer (PWRT) and Oscillator Start-up Timer (OST)

• Watchdog Timer (WDT) with its own on-chip RC oscillator for reliable operation

• Programmable code-protection

• Power saving SLEEP mode

• Selectable oscillator options

• Low-power, high-speed CMOS EPROM technology

• Fully static design

• Wide operating voltage range: 2.5V to 6.0V

• High Sink/Source Current 25/25 mA

• Commercial, Industrial and Extended temperature ranges

• Program Memory Parity Error Checking Circuitry with Parity Error Reset (PER) (PIC16C715)

• Low-power consumption:

   - < 2 mA @ 5V, 4 MHz

   - 15 µA typical @ 3V, 32 kHz

   - < 1 µA typical standby current

  

PIC16C71X Peripheral Features:

• Timer0: 8-bit timer/counter with 8-bit prescaler

• 8-bit multichannel analog-to-digital converter

• Brown-out detection circuitry for Brown-out Reset (BOR)

• 13 I/O Pins with Individual Direction Control



 




Similar Part No. - PIC16C71X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C71 MICROCHIP-PIC16C71 Datasheet
1Mb / 337P
8-Bit CMOS Microcontrollers
01/18/02
PIC16C710 MICROCHIP-PIC16C710 Datasheet
1Mb / 337P
8-Bit CMOS Microcontrollers
01/18/02
PIC16C711 MICROCHIP-PIC16C711 Datasheet
1Mb / 337P
8-Bit CMOS Microcontrollers
01/18/02
PIC16C712 MICROCHIP-PIC16C712 Datasheet
1Mb / 108P
8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
1999
PIC16C712 MICROCHIP-PIC16C712 Datasheet
1Mb / 106P
8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
11/29/12 1999-2013
More results


Similar Description - PIC16C71X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C72 MICROCHIP-PIC16C72 Datasheet
1Mb / 124P
8-Bit CMOS Microcontrollers with A/D Converter
1998
PIC16C7X MICROCHIP-PIC16C7X Datasheet
2Mb / 288P
8-Bit CMOS Microcontrollers with A/D Converter
1997 - 1999
PIC16LC74B-16 MICROCHIP-PIC16LC74B-16 Datasheet
329Kb / 41P
8-Bit CMOS Microcontrollers with A/D Converter
1999 - 2002
PIC16C63A MICROCHIP-PIC16C63A_13 Datasheet
1Mb / 186P
8-Bit CMOS Microcontrollers with A/D Converter
11/29/12 1998-2013
PIC16C72 MICROCHIP-PIC16C72_13 Datasheet
1Mb / 128P
8-Bit CMOS Microcontrollers with A/D Converter
11/29/12 1998-2013
PIC16LC63A-04SO MICROCHIP-PIC16LC63A-04SO Datasheet
1Mb / 186P
8-Bit CMOS Microcontrollers with A/D Converter
11/29/12
PIC16C63A-20-SP MICROCHIP-PIC16C63A-20-SP Datasheet
1Mb / 186P
8-Bit CMOS Microcontrollers with A/D Converter
11/29/12
PIC16C74A-04P MICROCHIP-PIC16C74A-04P Datasheet
2Mb / 184P
8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
PIC16C74A-10 MICROCHIP-PIC16C74A-10 Datasheet
2Mb / 184P
8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
PIC16LC63A-04 MICROCHIP-PIC16LC63A-04 Datasheet
1Mb / 184P
8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com