Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP50110 Datasheet (PDF) - Intersil Corporation

HSP50110 Datasheet PDF - Intersil Corporation
Part # HSP50110
Download  HSP50110 Download
File Size   219.06 Kbytes
Page   25 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digital Quadrature Tuner

HSP50110 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSP50110 Datasheet PDF - Intersil Corporation

Part # HSP50110
Download  HSP50110 Click to download

File Size   219.06 Kbytes
Page   25 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digital Quadrature Tuner

HSP50110 Datasheet (HTML) - Intersil Corporation


HSP50110 Product details

The Digital Quadrature Tuner (DQT) provides many of the
functions required for digital demodulation. These functions
include carrier LO generation and mixing, baseband
sampling, programmable bandwidth filtering, baseband AGC,
and IF AGC error detection. Serial control inputs are provided
which can be used to interface with external symbol and
carrier tracking loops. These elements make the DQT ideal
for demodulator applications with multiple operational modes
or data rates. The DQT may be used with HSP50210 Digital
Costas Loop to function as a demodulator for BPSK, QPSK,
8-PSK OQPSK, FSK, FM, and AM signals.
The DQT processes a real or complex input digitized at rates
up to 52 MSPS. The channel of interest is shifted to DC by a
complex multiplication with the internal LO. The quadrature
LO is generated by a numerically controlled oscillator (NCO)
with a tuning resolution of 0.012Hz at a 52MHz sample rate.
The output of the complex multiplier is gain corrected and fed
into identical low pass FIR filters. Each filter is comprised of a
decimating low pass filter followed by an optional
compensation filter. The decimating low pass filter is a 3
stage Cascaded-Integrator-Comb (CIC) filter. The CIC filter
can be configured as an integrate and dump filter or a third
order CIC filter with a (sin(X)/X)3 response. Compensation
filters are provided to flatten the (sin(X)/X)N response of the
CIC. If none of the filtering options are desired, they may be
bypassed. The filter bandwidth is set by the decimation rate of
the CIC filter. The decimation rate may be fixed or adjusted
dynamically by a symbol tracking loop to synchronize the
output samples to symbol boundaries. The decimation rate
may range from 1-4096. An internal AGC loop is provided to
maintain the output magnitude at a desired level. Also, an
input level detector can be used to supply error signal for an
external IF AGC loop closed around the A/D.
The DQT output is provided in either serial or parallel formats
to support interfacing with a variety DSP processors or digital
filter components. This device is configurable over a general
purpose 8-bit parallel bidirectional microprocessor control bus.

Features
• Input Sample Rates to 52MSPS
• Internal AGC Loop for Output Level Stability
• Parallel or Serial Output Data Formats
• 10-Bit Real or Complex Inputs
• Bidirectional 8-Bit Microprocessor Interface
• Frequency Selectivity <0.013Hz
• Low Pass Filter Configurable as Three Stage CascadedIntegrator-Comb (CIC), Integrate and Dump, or Bypass
• Fixed Decimation from 1-4096, or Adjusted by NCO
Synchronization with Baseband Waveforms
• Input Level Detection for External IF AGC Loop
• Designed to Operate with HSP50210 Digital Costas Loop
• 84 Lead PLCC

Applications
• Satellite Receivers and Modems
• Complex Upconversion/Modulation
• Tuner for Digital Demodulators
• Digital PLLs
• Related Products: HSP50210 Digital Costas Loop;
A/D Products HI5703, HI5746, HI5766
• HSP50110/210EVAL Digital Demod Evaluation Board




Similar Part No. - HSP50110

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50110 INTERSIL-HSP50110 Datasheet
199Kb / 24P
Digital Quadrature Tuner
1999 01
HSP50110 INTERSIL-HSP50110 Datasheet
218Kb / 25P
Digital Quadrature Tuner
March 2001
logo
Renesas Technology Corp
HSP50110 RENESAS-HSP50110 Datasheet
1Mb / 25P
Digital Quadrature Tuner
March 2001
logo
Intersil Corporation
HSP50110JC-52 INTERSIL-HSP50110JC-52 Datasheet
199Kb / 24P
Digital Quadrature Tuner
1999 01
HSP50110JC-52 INTERSIL-HSP50110JC-52 Datasheet
218Kb / 25P
Digital Quadrature Tuner
March 2001
More results


Similar Description - HSP50110

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50110 INTERSIL-HSP50110 Datasheet
199Kb / 24P
Digital Quadrature Tuner
1999 01
logo
Texas Instruments
GC1012A TI-GC1012A Datasheet
186Kb / 30P
DIGITAL TUNER CHIP
logo
Broadcom Corporation.
BCM3416 BOARDCOM-BCM3416 Datasheet
175Kb / 1P
ADVANCED DIGITAL CABLE TUNER
logo
Synaptics Incorporated.
CX24109 CONEXANT-CX24109 Datasheet
161Kb / 2P
Digital Satellite Tuner
logo
Intersil Corporation
HSP50110 INTERSIL-HSP50110_01 Datasheet
218Kb / 25P
Digital Quadrature Tuner
March 2001
logo
NXP Semiconductors
CX24109 NXP-CX24109 Datasheet
259Kb / 40P
Digital Satellite Tuner
Rev. 01-13 November 2008
logo
Texas Instruments
SN761645 TI1-SN761645 Datasheet
1Mb / 29P
DIGITAL TV TUNER IC
logo
Silicon Laboratories
SI2147 SILABS-SI2147 Datasheet
59Kb / 2P
Worldwide Digital TV Tuner
logo
Texas Instruments
SN761642 TI1-SN761642_14 Datasheet
576Kb / 23P
DIGITAL TV TUNER IC
logo
Renesas Technology Corp
HSP50110 RENESAS-HSP50110 Datasheet
1Mb / 25P
Digital Quadrature Tuner
March 2001
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com