Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP50214B Datasheet (PDF) - Intersil Corporation

HSP50214B Datasheet PDF - Intersil Corporation
Part # HSP50214B
Download  HSP50214B Download
File Size   2811.36 Kbytes
Page   62 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Programmable Downconverter

HSP50214B Datasheet (PDF)

Go To PDF Page Download Datasheet
HSP50214B Datasheet PDF - Intersil Corporation

Part # HSP50214B
Download  HSP50214B Click to download

File Size   2811.36 Kbytes
Page   62 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Programmable Downconverter

HSP50214B Datasheet (HTML) - Intersil Corporation


HSP50214B Product details

The HSP50214B Programmable Downconverter converts
digitized IF data into filtered baseband data which can be
processed by a standard DSP microprocessor. The
Programmable Downconverter (PDC) performs down
conversion, decimation, narrowband low pass filtering, gain
scaling, resampling, and Cartesian to Polar coordinate
conversion.
The 14-bit sampled IF input is down converted to baseband
by digital mixers and a quadrature NCO, as shown in the
Block Diagram. A decimating (4 to 32) fifth order Cascaded
Integrator-Comb (CIC) filter can be applied to the data
before it is processed by up to 5 decimate-by-2 halfband
filters. The halfband filters are followed by a 255-tap
programmable FIR filter. The output data from the
programmable FIR filter is scaled by a digital AGC before
being re-sampled in a polyphase FIR filter. The output
section can provide seven types of data: Cartesian (I, Q),
polar (R, θ), filtered frequency (dθ/dt), Timing Error (TE), and
AGC level in either parallel or serial format.

Features
• Up to 65MSPS Front-End Processing Rates (CLKIN) and
55MHz Back-End Processing Rates (PROCCLK)
Clocks May Be Asynchronous
• Processing Capable of >100dB SFDR
• Up to 255-Tap Programmable FIR
• Overall Decimation Factor Ranging from 4 to 16384
• Output Samples Rates to ≅12.94MSPS with Output
Bandwidths to ≅ 982kHz Lowpass
• 32-Bit Programmable NCO for Channel Selection and
Carrier Tracking
• Digital Resampling Filter for Symbol Tracking Loops and
Incommensurate Sample-to-Output Clock Ratios
• Digital AGC with Programmable Limits and Slew Rate to
Optimize Output Signal Resolution; Fixed or Auto Gain
Adjust
• Serial, Parallel, and FIFO 16-Bit Output Modes
• Cartesian to Polar Converter and Frequency Discriminator
for AFC Loops and Demodulation of AM, FM, FSK, and
DPSK
• Input Level Detector for External I.F. AGC Support
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Single Channel Digital Software Radio Receivers
• Base Station Rx’s: AMPS, NA TDMA, GSM, and CDMA
• Compatible with HSP50210 Digital Costas Loop for PSK
Reception
• Evaluation Platform Available




Similar Part No. - HSP50214B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50214B INTERSIL-HSP50214B Datasheet
573Kb / 60P
Programmable Downconverter
2000 05
HSP50214B INTERSIL-HSP50214B Datasheet
1Mb / 62P
Programmable Downconverter
May 1, 2007
logo
Renesas Technology Corp
HSP50214B RENESAS-HSP50214B Datasheet
2Mb / 62P
Programmable Downconverter
logo
Intersil Corporation
HSP50214BVC INTERSIL-HSP50214BVC Datasheet
573Kb / 60P
Programmable Downconverter
2000 05
HSP50214BVC INTERSIL-HSP50214BVC Datasheet
1Mb / 62P
Programmable Downconverter
May 1, 2007
More results


Similar Description - HSP50214B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50214A INTERSIL-HSP50214A Datasheet
467Kb / 60P
Programmable Downconverter
1999 12
HSP50214B INTERSIL-HSP50214B Datasheet
573Kb / 60P
Programmable Downconverter
2000 05
HSP50214 INTERSIL-HSP50214 Datasheet
395Kb / 54P
Programmable Downconverter
February 2000
HSP50216 INTERSIL-HSP50216_06 Datasheet
767Kb / 58P
Four-Channel Programmable Digital DownConverter
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
Four-Channel Wideband Programmable DownConverter
August 2004
HSP50214B INTERSIL-HSP50214B_07 Datasheet
1Mb / 62P
Programmable Downconverter
May 1, 2007
HSP50216 INTERSIL-HSP50216_07 Datasheet
786Kb / 58P
Four-Channel Programmable Digital Downconverter
August 17, 2007
ISL5216KI INTERSIL-ISL5216KI Datasheet
971Kb / 65P
Four-Channel Programmable Digital Downconverter
July 13, 2007
logo
Renesas Technology Corp
HSP50214B RENESAS-HSP50214B Datasheet
2Mb / 62P
Programmable Downconverter
HSP50216 RENESAS-HSP50216 Datasheet
1Mb / 59P
Four-Channel Programmable Digital Downconverter
October 5, 2015
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com