Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICM7245 Datasheet (PDF) - Intersil Corporation

ICM7245 Datasheet PDF - Intersil Corporation
Part # ICM7245
Download  ICM7245 Download
File Size   401.84 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Character, 16-Segment, Microprocessor Compatible,LED Display Decoder Driver

ICM7245 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICM7245 Datasheet PDF - Intersil Corporation

Part # ICM7245
Download  ICM7245 Click to download

File Size   401.84 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Character, 16-Segment, Microprocessor Compatible,LED Display Decoder Driver

ICM7245 Datasheet (HTML) - Intersil Corporation


ICM7245 Product details

The ICM7245 is an 8-character, alphanumeric display driver
and controller which provides all the circuitry required to
interface a microprocessor or digital system to a 16-segment
display with internal pull-up resistors. It is primarily intended
for use in microprocessor systems, where it minimizes
hardware and software overhead. Incorporated on-chip are a
64-character ASClI decoder, 8x6 memory, high power
character and segment drivers, and the multiplex scan
circuitry.
6-bit ASCll data to be displayed is written into the memory
directly from the microprocessor data bus. Data location
depends upon the selection of either Sequential (MODE = 1) or
Random access mode (MODE = 0). In the Sequential Access
mode the first entry is stored in the lowest location and
displayed in the “left-most” character position. Each
subsequent entry is automatically stored in the next higher
location and displayed to the immediate “right” of the previous
entry. A DISPlay FULL signal is provided after 8 entries; this
signal can be used for cascading devices together. A CLR pin is
provided to clear the memory and reset the location counter.
The Random Access mode allows the processor to select the
memory address and display digit for each input word.
The character multiplex scan runs whenever data is not being
entered. It scans the memory and CHARacter drivers, and
ensures that the decoding from memory to display is done in
the proper sequence. Intercharacter blanking is provided to
avoid display ghosting.

Features
• Single supply +3.3V operation
• 16-Segment fonts with decimal point
• Up to 8 character display driver
• Has internal pull-up resistors of 136Ω Typical
• Microprocessor compatible
• Directly drives LED common cathode displays
• Cascadable without additional hardware
• Standby feature turns display off; puts chip in low power
mode
• Sequential entry or random entry of data into display
• Character and segment drivers, All MUX scan circuitry, 8x6
static memory and 64-character ASCll font generator
included on-chip
• Pb-free (RoHS compliant)




Similar Part No. - ICM7245

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7245 INTERSIL-ICM7245 Datasheet
4Mb / 122P
P-CHANNEL JFET
ICM7245 INTERSIL-ICM7245 Datasheet
400Kb / 13P
8-Character, 16-Segment, Microprocessor Compatible, LED Display Decoder Driver
October 29, 2013
logo
Renesas Technology Corp
ICM7245 RENESAS-ICM7245 Datasheet
665Kb / 13P
8-Character, 16-Segment, Microprocessor Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7245A INTERSIL-ICM7245A Datasheet
2Mb / 99P
TIMEKEEPING DTMF CIRCUITS
ICM7245AIM44Z INTERSIL-ICM7245AIM44Z Datasheet
400Kb / 13P
8-Character, 16-Segment, Microprocessor Compatible, LED Display Decoder Driver
October 29, 2013
More results


Similar Description - ICM7245

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7243 INTERSIL-ICM7243 Datasheet
109Kb / 12P
8-Character, Microprocessor- Compatible, LED Display Decoder Driver
August 1997
ICM7243 INTERSIL-ICM7243_05 Datasheet
540Kb / 14P
8-Character, Microprocessor-Compatible, LED Display Decoder Driver
October 28, 2005
ICM7245 INTERSIL-ICM7245 Datasheet
400Kb / 13P
8-Character, 16-Segment, Microprocessor Compatible, LED Display Decoder Driver
October 29, 2013
ICM7243BIPLZ INTERSIL-ICM7243BIPLZ Datasheet
604Kb / 16P
8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7228AIBI INTERSIL-ICM7228AIBI Datasheet
400Kb / 19P
8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
August 19, 2015
ICM7243BlPL INTERSIL-ICM7243BlPL Datasheet
423Kb / 17P
8-Character, Microprocessor-Compatible, LED Display Decoder Dri
October 2, 2015
ICM7244AIM44Z INTERSIL-ICM7244AIM44Z Datasheet
425Kb / 13P
8-Character, Microprocessor Compatible,LED Display Decoder Driver
January 22, 2009
logo
Renesas Technology Corp
ICM7243 RENESAS-ICM7243 Datasheet
781Kb / 17P
8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7244 RENESAS-ICM7244 Datasheet
657Kb / 14P
8-Character, Microprocessor Compatible, LED Display Decoder Driver
ICM7245 RENESAS-ICM7245 Datasheet
665Kb / 13P
8-Character, 16-Segment, Microprocessor Compatible, LED Display Decoder Driver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com