Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL43240 Datasheet (PDF) - Intersil Corporation

ISL43240 Datasheet PDF - Intersil Corporation
Part # ISL43240
Download  ISL43240 Download
File Size   498.05 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch

ISL43240 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL43240 Datasheet PDF - Intersil Corporation

Part # ISL43240
Download  ISL43240 Click to download

File Size   498.05 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch

ISL43240 Datasheet (HTML) - Intersil Corporation


ISL43240 Product details

The Intersil ISL43240 device is a CMOS, precision, quad SPDT
analog switch designed to operate from a single +2V to +12V
supply or from a ±2V to ±6V supply. Targeted applications
include battery powered equipment that benefit from the
devices’ low power consumption (5µW), low leakage currents
(5nA max), and fast switching speeds (tON = 52ns,
tOFF = 40ns). A 5Ω maximum rON flatness ensures signal
fidelity, while channel-to-channel mismatch is guaranteed to
be less than 2Ω.
The ISL43240 is a quad single-pole/double-throw (SPDT)
device and can be used as a quad SPDT, a quad 2:1
multiplexer, a single 4:1 multiplexer or a dual 2-channel
differential multiplexer.

Features
• Fully specified for 10% tolerances at VS = ±5V and V+ = 12V,
5V and 3.3V
• Four separately controlled SPDT switches
• ON-resistance (rON) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18Ω
• rON matching between channels . . . . . . . . . . . . . . . . . . . . . . . <1Ω
• Low charge injection. . . . . . . . . . . . . . . . . . . . . . . . . . . . 5pC (Max)
• Low power consumption (PD) . . . . . . . . . . . . . . . . . . . . . . . . <5µW
• Low off leakage current (max at +85°C) . . . . . . . . . . . 2.5nA
• Fast switching action
- tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52ns
- tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40ns
• Guaranteed break-before-make
• Minimum 2000V ESD protection per Method 3015.7
• TTL, CMOS compatible
• Pb-free (RoHS compliant)

Applications
• Battery powered, handheld, and portable equipment
- Barcode scanners
- Laptops, notebooks, palmtops
• Communications systems
- Radios
- XDSL and PBX/PABX
- RF “Tee” switches
- Base stations
• Test equipment
- Medical ultrasound
- Electrocardiograph
- ATE
• Audio and video switching
• General purpose circuits
- +3V/+5V DACs and ADCs
- Digital filters
- Operational amplifier gain switching networks
- High frequency analog switching
- High speed multiplexing




Similar Part No. - ISL43240

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43240 INTERSIL-ISL43240 Datasheet
442Kb / 14P
Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches
April 2003
ISL43240 INTERSIL-ISL43240 Datasheet
463Kb / 14P
Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches
July 2004
ISL43240 INTERSIL-ISL43240 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL43240 RENESAS-ISL43240 Datasheet
975Kb / 15P
Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
logo
Intersil Corporation
ISL43240IA INTERSIL-ISL43240IA Datasheet
442Kb / 14P
Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches
April 2003
More results


Similar Description - ISL43240

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43231 INTERSIL-ISL43231 Datasheet
537Kb / 15P
Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
September 2003
ISL43240 INTERSIL-ISL43240 Datasheet
442Kb / 14P
Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches
April 2003
ISL8394 INTERSIL-ISL8394 Datasheet
294Kb / 11P
Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
June 2003
ISL8394 INTERSIL-ISL8394_06 Datasheet
383Kb / 11P
Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
March 13, 2006
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
July 2004
ISL43240 INTERSIL-ISL43240_04 Datasheet
463Kb / 14P
Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches
July 2004
ISL43231 INTERSIL-ISL43231_06 Datasheet
491Kb / 15P
Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
February 27, 2006
logo
Renesas Technology Corp
ISL8394 RENESAS-ISL8394 Datasheet
607Kb / 11P
Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
ISL43231 RENESAS-ISL43231 Datasheet
938Kb / 16P
Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
ISL43240 RENESAS-ISL43240 Datasheet
975Kb / 15P
Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com