Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F8X Datasheet (PDF) - Microchip Technology

PIC16F8X Datasheet PDF - Microchip Technology
Part # PIC16F8X
Download  PIC16F8X Download
File Size   1322.39 Kbytes
Page   124 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 18-pin Flash/EEPROM 8-Bit Microcontrollers

PIC16F8X Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16F8X Datasheet PDF - Microchip Technology

Part # PIC16F8X
Download  PIC16F8X Click to download

File Size   1322.39 Kbytes
Page   124 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 18-pin Flash/EEPROM 8-Bit Microcontrollers

PIC16F8X Datasheet (HTML) - Microchip Technology


PIC16F8X Product details

GENERAL DESCRIPTION
The PIC16F8X is a group in the PIC16CXX family of low-cost, high-performance, CMOS, fully-static, 8-bit microcontrollers. This group contains the following devices:
• PIC16F83
• PIC16F84
• PIC16CR83
• PIC16CR84

All PICmicro™ microcontrollers employ an advanced RISC architecture. PIC16F8X devices have enhanced core features, eight-level deep stack, and multiple internal and external interrupt sources. The separate instruction and data buses of the Harvard architecture allow a 14-bit wide instruction word with a separate 8-bit wide data bus. The two stage instruction pipeline allows all instructions to execute in a single cycle, except for program branches (which require two cycles). A total of 35 instructions (reduced instruction set) are available. Additionally, a large register set is used to achieve a very high performance level.

High Performance RISC CPU Features:
• Only 35 single word instructions to learn
• All instructions single cycle except for program branches which are two-cycle
• Operating speed: DC - 10 MHz clock input
                               DC - 400 ns instruction cycle
       
• 14-bit wide instructions
• 8-bit wide data path
• 15 special function hardware registers
• Eight-level deep hardware stack
• Direct, indirect and relative addressing modes
• Four interrupt sources:
   - External RB0/INT pin
   - TMR0 timer overflow
   - PORTB<7:4> interrupt on change
   - Data EEPROM write complete
• 1000 erase/write cycles Flash program memory
• 10,000,000 erase/write cycles EEPROM data memory
• EEPROM Data Retention > 40 years

Peripheral Features:
• 13 I/O pins with individual direction control
• High current sink/source for direct LED drive
   - 25 mA sink max. per pin
   - 20 mA source max. per pin
• TMR0: 8-bit timer/counter with 8-bit programmable prescaler

Special Microcontroller Features:
• In-Circuit Serial Programming (ICSP™) - via two pins (ROM devices support only Data EEPROM programming)
• Power-on Reset (POR)
• Power-up Timer (PWRT)
• Oscillator Start-up Timer (OST)
• Watchdog Timer (WDT) with its own on-chip RC oscillator for reliable operation
• Code-protection
• Power saving SLEEP mode
• Selectable oscillator options

CMOS Flash/EEPROM Technology:
• Low-power, high-speed technology
• Fully static design
• Wide operating voltage range:
   - Commercial: 2.0V to 6.0V
   - Industrial: 2.0V to 6.0V
• Low power consumption:
   - < 2 mA typical @ 5V, 4 MHz
   - 15 µA typical @ 2V, 32 kHz
   - < 1 µA typical standby current @ 2V




Similar Part No. - PIC16F8X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F8X MICROCHIP-PIC16F8X Datasheet
1Mb / 124P
18-pin Flash/EEPROM 8-Bit Microcontrollers
1998 - 1999
PIC16F8XX MICROCHIP-PIC16F8XX Datasheet
1Mb / 184P
8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
PIC16F8X MICROCHIP-PIC16F8X_13 Datasheet
1Mb / 128P
18-pin Flash/EEPROM 8-Bit Microcontrollers
11/29/12 1996-2013
PIC16F8X MICROCHIP-PIC16F8X_99 Datasheet
1Mb / 124P
18-pin Flash/EEPROM 8-Bit Microcontrollers
1998 - 1999
More results


Similar Description - PIC16F8X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F84A MICROCHIP-PIC16F84A Datasheet
494Kb / 68P
18-pin Enhanced Flash/EEPROM 8-Bit Microcontroller
1999
35007B MICROCHIP-35007B Datasheet
1Mb / 88P
18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
2001
PIC16F8X MICROCHIP-PIC16F8X_99 Datasheet
1Mb / 124P
18-pin Flash/EEPROM 8-Bit Microcontrollers
1998 - 1999
PIC16F84A MICROCHIP-PIC16F84A_07 Datasheet
1Mb / 88P
18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
2001
PIC12F519 MICROCHIP-PIC12F519_08 Datasheet
1Mb / 96P
8-Pin, 8-Bit Flash Microcontrollers
2008
PIC12LF1552 MICROCHIP-PIC12LF1552 Datasheet
4Mb / 260P
8-Pin Flash, 8-Bit Microcontrollers
2013
PIC16F8X MICROCHIP-PIC16F8X_13 Datasheet
1Mb / 128P
18-pin Flash/EEPROM 8-Bit Microcontrollers
11/29/12 1996-2013
PIC16F84A MICROCHIP-PIC16F84A_13 Datasheet
1Mb / 90P
18-pin Enhanced FLASH/EEPROM 8-Bit Microcontroller
11/29/12 2001-2013
PIC16F84A-04-P MICROCHIP-PIC16F84A-04-P Datasheet
1Mb / 90P
18-pin Enhanced FLASH/EEPROM 8-Bit Microcontroller
11/29/12
PIC12F1501-I MICROCHIP-PIC12F1501-I Datasheet
3Mb / 278P
8-Pin Flash, 8-Bit Microcontrollers
08/02/11
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com