Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C44 Datasheet (PDF) - Microchip Technology

PIC17C44 Datasheet PDF - Microchip Technology
Part # PIC17C44
Download  PIC17C44 Download
File Size   1175.33 Kbytes
Page   240 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Performance 8-Bit CMOS EPROM/ROM Microcontroller

PIC17C44 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC17C44 Datasheet PDF - Microchip Technology

Part # PIC17C44
Download  PIC17C44 Click to download

File Size   1175.33 Kbytes
Page   240 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Performance 8-Bit CMOS EPROM/ROM Microcontroller

PIC17C44 Datasheet (HTML) - Microchip Technology


PIC17C44 Product details

OVERVIEW
This data sheet covers the PIC17C4X group of the PIC17CXX family of microcontrollers. The following devices are discussed in this data sheet:
    • PIC17C42
    • PIC17CR42
    • PIC17C42A
    • PIC17C43
    • PIC17CR43
    • PIC17C44
The PIC17CR42, PIC17C42A, PIC17C43, PIC17CR43, and PIC17C44 devices include architectural enhancements over the PIC17C42. These enhancements will be discussed throughout this data sheet.

Microcontroller Core Features:
• Only 58 single word instructions to learn
• All single cycle instructions (121 ns) except for program branches and table reads/writes which are two-cycle
• Operating speed:
    - DC - 33 MHz clock input
    - DC - 121 ns instruction cycle
• Hardware Multiplier (Not available on the PIC17C42)
• Interrupt capability
• 16 levels deep hardware stack
• Direct, indirect and relative addressing modes
• Internal/External program memory execution
• 64K x 16 addressable program memory space

Peripheral Features:
• 33 I/O pins with individual direction control
• High current sink/source for direct LED drive
    - RA2 and RA3 are open drain, high voltage (12V), high current (60 mA), I/O
• Two capture inputs and two PWM outputs
    - Captures are 16-bit, max resolution 160 ns
    - PWM resolution is 1- to 10-bit
• TMR0: 16-bit timer/counter with 8-bit programmable prescaler
• TMR1: 8-bit timer/counter
• TMR2: 8-bit timer/counter
• TMR3: 16-bit timer/counter
• Universal Synchronous Asynchronous Receiver Transmitter (USART/SCI)

Special Microcontroller Features:
• Power-on Reset (POR), Power-up Timer (PWRT) and Oscillator Start-up Timer (OST)
• Watchdog Timer (WDT) with its own on-chip RC oscillator for reliable operation
• Code-protection
• Power saving SLEEP mode
• Selectable oscillator options

CMOS Technology:
• Low-power, high-speed CMOS EPROM/ROM technology
• Fully static design
• Wide operating voltage range (2.5V to 6.0V)
• Commercial and Industrial Temperature Range
• Low-power consumption
    - < 5 mA @ 5V, 4 MHz
    - 100 µA typical @ 4.5V, 32 kHz
    - < 1 µA typical standby current @ 5V




Similar Part No. - PIC17C44

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC17C44 MICROCHIP-PIC17C44 Datasheet
1Mb / 337P
8-Bit CMOS Microcontrollers
01/18/02
PIC17C44 MICROCHIP-PIC17C44 Datasheet
935Kb / 241P
High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
01/18/02
More results


Similar Description - PIC17C44

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C5X MICROCHIP-PIC16C5X_02 Datasheet
2Mb / 194P
EPROM/ROM-Based 8-bit CMOS Microcontroller Series
2002
PIC16C57-XTP MICROCHIP-PIC16C57-XTP Datasheet
2Mb / 192P
EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
PIC16C56-XTI-P MICROCHIP-PIC16C56-XTI-P Datasheet
1Mb / 218P
EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
01/18/02
PIC17LC42AT-08I-PT MICROCHIP-PIC17LC42AT-08I-PT Datasheet
1Mb / 241P
High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
01/18/02
PIC16LC55A-04I MICROCHIP-PIC16LC55A-04I Datasheet
2Mb / 192P
EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C57CJW MICROCHIP-PIC16C57CJW Datasheet
2Mb / 192P
EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C55-XT MICROCHIP-PIC16C55-XT Datasheet
1Mb / 194P
EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C57C-20I MICROCHIP-PIC16C57C-20I Datasheet
1Mb / 194P
EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C57-RCI MICROCHIP-PIC16C57-RCI Datasheet
1Mb / 194P
EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC17C44 MICROCHIP-PIC17C44 Datasheet
935Kb / 241P
High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
01/18/02
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com