Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F010 Datasheet (PDF) - Microchip Technology

PIC18F010 Datasheet PDF - Microchip Technology
Part # PIC18F010
Download  PIC18F010 Download
File Size   2633.97 Kbytes
Page   176 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High Performance Microcontrollers

PIC18F010 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC18F010 Datasheet PDF - Microchip Technology

Part # PIC18F010
Download  PIC18F010 Click to download

File Size   2633.97 Kbytes
Page   176 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High Performance Microcontrollers

PIC18F010 Datasheet (HTML) - Microchip Technology


PIC18F010 Product details

DEVICE OVERVIEW
This document contains device specific information for the PIC18F010/020 microcontrollers. These devices come in 8-pin packages. Table 1-1 is an overview of the features. Figure 1-1 presents the block diagram for the PIC18F010/020 devices and Table 1-2 gives the pin descriptions.

High Performance RISC CPU:
• C compiler optimized instruction set
• Linear program memory addressing
   - 4096 x 8 on-chip FLASH program memory
   - 2048 x 8 on-chip FLASH program memory
      (PIC18F010)
• Linear data memory addressing
   - 256 x 8 general purpose registers
   - 64 x 8 EEPROM
• Operating speed:
   - DC - 40MHz clock input
   - DC - 100 ns instruction cycle
   - Internal oscillator with 5 program
      selectable speeds (32kHz, 500kHz, 1MHz,
      4MHz, 8MHz)
• 2.0V operation (4MHz)
• 16-bit wide instructions
• 8-bit wide data path
• 31 levels of hardware stack
• Software stack capability
• Multi-vector interrupt capability
• 8 x 8 multiply single cycle hardware

Special Microcontroller Features:
• Power-on Reset (POR), Power-up Timer (PWRT)
   and Oscillator Start-up Timer (OST)
• Brown-out Reset (BOR)
• Programmable Low Voltage Detection circuitry
   (PLVD)
• Watchdog Timer (WDT) with its own on-chip
   RC oscillator for reliable operation
• Programmable code protection
• Power saving SLEEP mode with Wake-up on Pin
   Change
• In-Circuit Serial Programming (ICSPTM) via two
   pins
• Low cost MPLAB® ICD available

Peripheral Features:
• High current sink/source 25mA/25mA
• Timer0: 8-bit/16-bit timer/counter with 8-bit
   programmable prescaler

CMOS Technology:
• Low power, high speed CMOS FLASH technology
• Fully static design
• Wide operating voltage range (2.0V to 5.5V)
• Commercial, Industrial and Extended
   temperature ranges
• Low power consumption




Similar Part No. - PIC18F010

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F04Q41 MICROCHIP-PIC18F04Q41 Datasheet
554Kb / 40P
PIC18FXXQ41 Family Programming Specification
2019
PIC18F05Q41 MICROCHIP-PIC18F05Q41 Datasheet
554Kb / 40P
PIC18FXXQ41 Family Programming Specification
2019
PIC18F06Q41 MICROCHIP-PIC18F06Q41 Datasheet
554Kb / 40P
PIC18FXXQ41 Family Programming Specification
2019
More results


Similar Description - PIC18F010

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2 Datasheet
903Kb / 74P
High Performance 8-bit Microcontrollers
logo
National Semiconductor ...
HPC16083 NSC-HPC16083 Datasheet
467Kb / 36P
High-Performance microControllers
logo
Microchip Technology
PIC24HJXXXGPX06 MICROCHIP-PIC24HJXXXGPX06 Datasheet
4Mb / 286P
High-Performance, 16-Bit Microcontrollers
2007
DSPIC33FJ32GP202 MICROCHIP-DSPIC33FJ32GP202 Datasheet
3Mb / 252P
High-Performance, 16-Bit Microcontrollers
2007
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A Datasheet
4Mb / 294P
High-Performance, 16-Bit Microcontrollers
2009
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_11 Datasheet
3Mb / 272P
High-Performance, 16-bit Microcontrollers
2011
logo
Zilog, Inc.
Z8F0821HH020SC ZILOG-Z8F0821HH020SC Datasheet
227Kb / 12P
High Performance 8-Bit Microcontrollers
logo
Microchip Technology
PIC24HJ64GP206A-I MICROCHIP-PIC24HJ64GP206A-I Datasheet
2Mb / 304P
High-Performance,16-bit Microcontrollers
03/26/09
PIC24HJ128GP206-I MICROCHIP-PIC24HJ128GP206-I Datasheet
2Mb / 286P
High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJ128GP510-I MICROCHIP-PIC24HJ128GP510-I Datasheet
2Mb / 286P
High-Performance, 16-Bit Microcontrollers
06/25/07
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com