Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2220 Datasheet (PDF) - Microchip Technology

PIC18F2220 Datasheet PDF - Microchip Technology
Part # PIC18F2220
Download  PIC18F2220 Download
File Size   6899.23 Kbytes
Page   388 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44-Pin High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology

PIC18F2220 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC18F2220 Datasheet PDF - Microchip Technology

Part # PIC18F2220
Download  PIC18F2220 Click to download

File Size   6899.23 Kbytes
Page   388 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44-Pin High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology

PIC18F2220 Datasheet (HTML) - Microchip Technology


PIC18F2220 Product details

DEVICE OVERVIEW

This document contains device specific information for the following devices:



• PIC18F2220 • PIC18F4220

• PIC18F2320 • PIC18F4320



This family offers the advantages of all PIC18 microcontrollers – namely, high computational performance at an economical price with the addition of high endurance Enhanced Flash program memory. On top of these features, the PIC18F2220/2320/4220/4320 family introduces design enhancements that make these microcontrollers a logical choice for many high-performance, power sensitive applications.



Low-Power Features:

• Power Managed modes:

   - Run: CPU on, peripherals on

   - Idle: CPU off, peripherals on

   - Sleep: CPU off, peripherals off

• Power Consumption modes:

   - PRI_RUN: 150 µA, 1 MHz, 2V

   - PRI_IDLE: 37 µA, 1 MHz, 2V

   - SEC_RUN: 14 µA, 32 kHz, 2V

   - SEC_IDLE: 5.8 µA, 32 kHz, 2V

   - RC_RUN: 110 µA, 1 MHz, 2V

   - RC_IDLE: 52 µA, 1 MHz, 2V

   - Sleep: 0.1 µA, 1 MHz, 2V

• Timer1 Oscillator: 1.1 µA, 32 kHz, 2V

• Watchdog Timer: 2.1 µA

• Two-Speed Oscillator Start-up



Oscillators:

• Four Crystal modes:

   - LP, XT, HS: up to 25 MHz

   - HSPLL: 4-10 MHz (16-40 MHz internal)

• Two External RC modes, up to 4 MHz

• Two External Clock modes, up to 40 MHz

• Internal oscillator block:

   - 8 user selectable frequencies: 31 kHz, 125 kHz, 250 kHz, 500 kHz, 1 MHz, 2 MHz, 4 MHz, 8 MHz

   - 125 kHz-8 MHz calibrated to 1%

   - Two modes select one or two I/O pins

   - OSCTUNE – Allows user to shift frequency

• Secondary oscillator using Timer1 @ 32 kHz

• Fail-Safe Clock Monitor

   - Allows for safe shutdown if peripheral clock stops

  

Peripheral Highlights:

• High current sink/source 25 mA/25 mA

• Three external interrupts

• Up to 2 Capture/Compare/PWM (CCP) modules:

   - Capture is 16-bit, max. resolution is 6.25 ns (TCY/16)

   - Compare is 16-bit, max. resolution is 100 ns (TCY)

   - PWM output: PWM resolution is 1 to 10-bit

• Enhanced Capture/Compare/PWM (ECCP) module:

   - One, two or four PWM outputs

   - Selectable polarity

   - Programmable dead-time

   - Auto-Shutdown and Auto-Restart

• Compatible 10-bit, up to 13-channel Analog-to-Digital Converter module (A/D) with programmable acquisition time

• Dual analog comparators

• Addressable USART module:

   - RS-232 operation using internal oscillator block (no external crystal required)



Special Microcontroller Features:

• 100,000 erase/write cycle Enhanced Flash program memory typical

• 1,000,000 erase/write cycle Data EEPROM memory typical

• Flash/Data EEPROM Retention: > 40 years

• Self-programmable under software control

• Priority levels for interrupts

• 8 x 8 Single-Cycle Hardware Multiplier

• Extended Watchdog Timer (WDT):

   - Programmable period from 41 ms to 131s

   - 2% stability over VDD and Temperature

• Single-supply 5V In-Circuit Serial Programming™ (ICSP™) via two pins

• In-Circuit Debug (ICD) via two pins

• Wide operating voltage range: 2.0V to 5.5V



 




Similar Part No. - PIC18F2220

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2220 MICROCHIP-PIC18F2220 Datasheet
6Mb / 386P
28/40/44-Pin High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
PIC18F2220 MICROCHIP-PIC18F2220_07 Datasheet
6Mb / 386P
28/40/44-Pin High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
More results


Similar Description - PIC18F2220

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2420 MICROCHIP-PIC18F2420 Datasheet
6Mb / 390P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18F2525 MICROCHIP-PIC18F2525 Datasheet
6Mb / 390P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18F2220 MICROCHIP-PIC18F2220_07 Datasheet
6Mb / 386P
28/40/44-Pin High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
PIC18F4321 MICROCHIP-PIC18F4321 Datasheet
6Mb / 396P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
PIC18F2420 MICROCHIP-PIC18F2420_08 Datasheet
6Mb / 412P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2008
PIC18F2525 MICROCHIP-PIC18F2525_08 Datasheet
6Mb / 412P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18LF4620-I MICROCHIP-PIC18LF4620-I Datasheet
6Mb / 412P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F2620-ISO MICROCHIP-PIC18F2620-ISO Datasheet
6Mb / 412P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F4525-I MICROCHIP-PIC18F4525-I Datasheet
6Mb / 412P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F4525-I MICROCHIP-PIC18F4525-I Datasheet
4Mb / 412P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com