Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1412 Datasheet (PDF) - Microchip Technology

TC1412 Datasheet PDF - Microchip Technology
Part # TC1412
Download  TC1412 Download
File Size   434.63 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2A High-Speed MOSFET Drivers

TC1412 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1412 Datasheet PDF - Microchip Technology

Part # TC1412
Download  TC1412 Click to download

File Size   434.63 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2A High-Speed MOSFET Drivers

TC1412 Datasheet (HTML) - Microchip Technology


TC1412 Product details

GENERAL DESCRIPTION

The TC1412/1412N are 2A CMOS buffer/drivers. They will not latch up under any conditions within their power and voltage ratings. They are not subject to damage when up to 5V of noise spiking of either polarity occurs on the ground pin. They can accept, without damage or logic upset, up to 500 mA of current of either polarity being forced back into their output. All terminals are fully protected against up to 4 kV of electrostatic discharge.



FEATURES

■ Latch-Up Protected: Will Withstand 500mA Reverse Current

■ Input Will Withstand Negative Inputs Up to 5V

■ ESD Protected .....................................................4kV

■ High Peak Output Current .................................. 2A

■ Wide Operating Range .......................... 4.5V to 16V

■ High Capacitive Load

Drive Capability .......................... 1000pF in 18nsec

■ Short Delay Time .................................. 35nsec Typ

■ Consistent Delay Times With Changes in Supply Voltage

■ Matched Delay Times

■ Low Supply Current

— With Logic “1” Input ................................. 500µA

— With Logic “0” Input ................................. 150µA

■ Low Output Impedance ....................................... 4Ω

■ Pinout Same as TC1410/11/13




Similar Part No. - TC1412

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1412 TELCOM-TC1412 Datasheet
66Kb / 5P
2A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1412 MICROCHIP-TC1412 Datasheet
343Kb / 16P
2A High-Speed MOSFET Drivers
2003
TC1412 MICROCHIP-TC1412 Datasheet
282Kb / 16P
2A High-Speed MOSFET Drivers
03/25/03
TC1412 MICROCHIP-TC1412 Datasheet
819Kb / 24P
2A High-Speed MOSFET Drivers
01/27/15
logo
TelCom Semiconductor, I...
TC1412COA TELCOM-TC1412COA Datasheet
66Kb / 5P
2A HIGH-SPEED MOSFET DRIVERS
More results


Similar Description - TC1412

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1412 TELCOM-TC1412 Datasheet
66Kb / 5P
2A HIGH-SPEED MOSFET DRIVERS
logo
Maxim Integrated Produc...
MAX5062 MAXIM-MAX5062 Datasheet
471Kb / 19P
125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 3; 10/05
MAX5062 MAXIM-MAX5062_07 Datasheet
351Kb / 20P
125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 5; 5/07
MAX15012 MAXIM-MAX15012 Datasheet
271Kb / 14P
175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 0; 5/06
logo
Microchip Technology
TC1412 MICROCHIP-TC1412_03 Datasheet
343Kb / 16P
2A High-Speed MOSFET Drivers
2003
logo
Maxim Integrated Produc...
MAX15012 MAXIM-MAX15012_07 Datasheet
372Kb / 18P
175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 1; 12/07
logo
Microchip Technology
TC1412 MICROCHIP-TC1412_13 Datasheet
261Kb / 18P
2A High-Speed MOSFET Drivers
2001-2012 11/27/12
TC1412NEOA713 MICROCHIP-TC1412NEOA713 Datasheet
282Kb / 16P
2A High-Speed MOSFET Drivers
03/25/03
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
High Speed MOSFET Drivers
logo
Microchip Technology
TC1412 MICROCHIP-TC1412_15 Datasheet
819Kb / 24P
2A High-Speed MOSFET Drivers
01/27/15
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com