Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC3400 Datasheet (PDF) - Microchip Technology

TC3400 Datasheet PDF - Microchip Technology
Part # TC3400
Download  TC3400 Download
File Size   437.51 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1.8V, Low Power, 16-Bit Sigma-Delta A/D Converter

TC3400 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC3400 Datasheet PDF - Microchip Technology

Part # TC3400
Download  TC3400 Click to download

File Size   437.51 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1.8V, Low Power, 16-Bit Sigma-Delta A/D Converter

TC3400 Datasheet (HTML) - Microchip Technology


TC3400 Product details

General Description
The TC3400 is a low cost, low power analog-to-digital converter based on Microchip’s Sigma-Delta technol ogy. It will perform 16-bit conversions (15-bit plus sign) at up to eight per second. The TC3400 is optimized for use as a microcontroller peripheral in low cost, battery operated systems. A voltage reference is included, or an external reference can be used.
The TC3400’s 2-wire microPort™ digital interface is used for starting conversions and for reading out the data. Driving the SCLK line low starts a conversion. After the conversion starts, each additional falling edge (up to six) detected on SCLK for t4 seconds reduces the A/D resolution by one bit and cuts conversion time in half. After a conversion is completed, clocking the SCLK line puts the MSB through LSB of the resulting data word onto the SDAT line, much like a shift register. The part automatically sleeps when not performing a data conversion.
The TC3400 is available in a 8-Pin PDIP and a 8-Pin SOIC package.

Features
• 16-bit Resolution at Eight Conversions Per
   Second, Adjustable Down to 10-bit Resolution at
   512 Conversions Per Second
• 1.8V – 5.5V Operation, Low Power Operating
   260µA; Sleep: 0.75µA
• microPort™ Serial Bus Requires only two
   Interface Lines
• Uses Internal or External Reference
• Automatically Enters Sleep Mode when not in use

Applications
• Consumer Electronics, Thermostats, CO
   Monitors, Humidity Meters, Security Sensors
• Embedded Systems, Data Loggers, Portable
   Equipment
• Medical Instruments




Similar Part No. - TC3400

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC3401 MICROCHIP-TC3401 Datasheet
458Kb / 16P
16-Bit Low Cost, Low Power Sigma-Delta A/D Converter
2002
logo
SHENZHEN FUMAN ELECTRON...
TC34014AS FUMAN-TC34014AS Datasheet
367Kb / 12P
10/12 digit calculator
TC34014BS FUMAN-TC34014BS Datasheet
186Kb / 12P
10/12 digit calculator
TC34014SS FUMAN-TC34014SS Datasheet
338Kb / 11P
12-digit calculator
TC34018 FUMAN-TC34018 Datasheet
1Mb / 6P
Hands-free calling integrated circuit
More results


Similar Description - TC3400

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC3401 MICROCHIP-TC3401 Datasheet
458Kb / 16P
16-Bit Low Cost, Low Power Sigma-Delta A/D Converter
2002
TC3402 MICROCHIP-TC3402 Datasheet
444Kb / 16P
1.8 Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter
2002
TC3404 MICROCHIP-TC3404 Datasheet
451Kb / 16P
1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
2002
TC3405 MICROCHIP-TC3405 Datasheet
453Kb / 16P
16-Bit, Low Cost, Low Power Sigma-Delta A/D Converter
2002
TC3403 MICROCHIP-TC3403_05 Datasheet
308Kb / 16P
1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor and Microprocessor Reset Circuit
2005
TC3404 MICROCHIP-TC3404_05 Datasheet
305Kb / 16P
1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
2005
logo
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7789 AD-AD7789_15 Datasheet
382Kb / 20P
Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
logo
Microchip Technology
TC3403 MICROCHIP-TC3403 Datasheet
448Kb / 16P
1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor and Microprocessor Reset Circuit
05/01/02
logo
Analog Devices
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
16-Bit, Low Power, Sigma-Delta ADC
23-Feb-2017
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com