Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGC051BS Datasheet (PDF) - Surge Components

SGC051BS Datasheet PDF - Surge Components
Part # SGC051BS
Download  SGC051BS Download
File Size   162.66 Kbytes
Page   3 Pages
Manufacturer  SURGE [Surge Components]
Direct Link  http://www.surgecomponents.com
Logo SURGE - Surge Components
Description Reverse Voltage 100V Forward Current 5A

SGC051BS Datasheet (PDF)

Go To PDF Page Download Datasheet
SGC051BS Datasheet PDF - Surge Components

Part # SGC051BS
Download  SGC051BS Click to download

File Size   162.66 Kbytes
Page   3 Pages
Manufacturer  SURGE [Surge Components]
Direct Link  http://www.surgecomponents.com
Logo SURGE - Surge Components
Description Reverse Voltage 100V Forward Current 5A

SGC051BS Datasheet (HTML) - Surge Components




Similar Part No. - SGC051BS

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC051BS GOOD-ARK-SGC051BS Datasheet
209Kb / 4P
Surface Mount Schottky Rectifier
SGC051BS GOOD-ARK-SGC051BS_15 Datasheet
209Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
More results


Similar Description - SGC051BS

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSR520 HSMC-HSR520 Datasheet
53Kb / 2P
Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 5A)
logo
Surge Components
SGC101BSA SURGE-SGC101BSA Datasheet
361Kb / 3P
Reverse Voltage 100V Forward Current 10A
logo
GOOD-ARK Electronics
SGC051BS GOOD-ARK-SGC051BS_15 Datasheet
209Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
LS5B0 GOOD-ARK-LS5B0_15 Datasheet
194Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
LS5BH GOOD-ARK-LS5BH_15 Datasheet
218Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
LSL5B GOOD-ARK-LSL5B Datasheet
263Kb / 4P
Trench Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
logo
First Silicon Co., Ltd
SS5U100PA FS-SS5U100PA Datasheet
442Kb / 3P
Surface Mount Schottky Rectifier Reverse Voltage 100V , Forward Current 5A
logo
AiT Semiconductor Inc.
BAT46W AITSEMI-BAT46W Datasheet
528Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 100V FORWARD CURRENT 0.5A
REV1.0
logo
Leshan Radio Company
CSM5100LA LRC-CSM5100LA Datasheet
433Kb / 5P
Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 5.0A
Rev.A Apr. 2021
LMBR20S100SN56 LRC-LMBR20S100SN56 Datasheet
474Kb / 5P
Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 20A
Rev.A Oct. 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com