Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4431 Datasheet (PDF) - Microchip Technology

TC4431 Datasheet PDF - Microchip Technology
Part # TC4431
Download  TC4431 Download
File Size   433.49 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1.5A High-Speed 30V MOSFET Drivers

TC4431 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC4431 Datasheet PDF - Microchip Technology

Part # TC4431
Download  TC4431 Click to download

File Size   433.49 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1.5A High-Speed 30V MOSFET Drivers

TC4431 Datasheet (HTML) - Microchip Technology


TC4431 Product details

GENERAL DESCRIPTION

The TC4431/4432 are 30V CMOS buffer/drivers suitable for use in high-side driver applications. They will not latch up under any conditions within their power and voltage ratings. They can accept, without damage or logic upset, up to 300mA of reverse current (of either polarity) being forced back into their outputs. All terminals are fully protected against up to 4kV of electrostatic discharge.



FEATURES

■ High Peak Output Current ............................... 1.5A

■ Wide Operating Range ............................. 5V to 30V

■ High Capacitive Load

Drive Capability ......................... 1000 pF in 25nsec

■ Short Delay Time ................................ <78nsec Typ

■ Low Supply Current

— With Logic “1” Input ................................. 2.5mA

— With Logic “0” Input ................................. 300µA

■ Low Output Impedance ....................................... 7Ω

■ Latch-Up Protected .......... Will Withstand >300mA

                                      Reverse Current

■ ESD Protected ....................................................4 kV




Similar Part No. - TC4431

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4431 TELCOM-TC4431 Datasheet
61Kb / 4P
1.5A HIGH-SPEED 30V MOSFET DRIVERS
logo
Microchip Technology
TC4431 MICROCHIP-TC4431 Datasheet
293Kb / 18P
1.5A High-Speed 30V MOSFET Drivers
10/05/07
TC4431CJA MICROCHIP-TC4431CJA Datasheet
334Kb / 17P
1.5A High-Speed 30V MOSFET Drivers
2003
logo
TelCom Semiconductor, I...
TC4431COA TELCOM-TC4431COA Datasheet
61Kb / 4P
1.5A HIGH-SPEED 30V MOSFET DRIVERS
logo
Microchip Technology
TC4431COA MICROCHIP-TC4431COA Datasheet
334Kb / 17P
1.5A High-Speed 30V MOSFET Drivers
2003
More results


Similar Description - TC4431

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
TC4431 TELCOM-TC4431 Datasheet
61Kb / 4P
1.5A HIGH-SPEED 30V MOSFET DRIVERS
logo
Calogic, LLC
CLM4426 CALOGIC-CLM4426 Datasheet
47Kb / 4P
1.5A Dual High Speed MOSFET Drivers
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426 Datasheet
204Kb / 6P
Dual High-Speed 1.5A MOSFET Drivers
Rev 1; 3/93
logo
Microchip Technology
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4431 MICROCHIP-TC4431_03 Datasheet
334Kb / 17P
1.5A High-Speed 30V MOSFET Drivers
2003
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_10 Datasheet
1Mb / 7P
Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
Microchip Technology
TC4432VOA MICROCHIP-TC4432VOA Datasheet
293Kb / 18P
1.5A High-Speed 30V MOSFET Drivers
10/05/07
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
Calogic, LLC
AS4426P CALOGIC-AS4426P Datasheet
56Kb / 4P
1.5A Dual High Speed MOSFET Drivers
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com