Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16LF73 Datasheet (PDF) - Microchip Technology

16LF73 Datasheet PDF - Microchip Technology
Part # 16LF73
Download  16LF73 Download
File Size   3150.33 Kbytes
Page   170 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40-Pin 8-Bit CMOS FLASH Microcontrollers

16LF73 Datasheet (PDF)

Go To PDF Page Download Datasheet
16LF73 Datasheet PDF - Microchip Technology

Part # 16LF73
Download  16LF73 Click to download

File Size   3150.33 Kbytes
Page   170 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40-Pin 8-Bit CMOS FLASH Microcontrollers

16LF73 Datasheet (HTML) - Microchip Technology


16LF73 Product details

DEVICE OVERVIEW

This document contains device specific information about the following devices:

   • PIC16F73

   • PIC16F74

   • PIC16F76

   • PIC16F77

PIC16F73/76 devices are available only in 28-pin packages, while PIC16F74/77 devices are available in 40-pin and 44-pin packages.



High Performance RISC CPU:

• High performance RISC CPU

• Only 35 single word instructions to learn

• All single cycle instructions except for program branches which are two-cycle

• Operating speed: DC - 20 MHz clock input DC - 200 ns instruction cycle

• Up to 8K x 14 words of FLASH Program Memory, Up to 368 x 8 bytes of Data Memory (RAM)

• Pinout compatible to the PIC16C73B/74B/76/77

• Pinout compatible to the PIC16F873/874/876/877

• Interrupt capability (up to 12 sources)

• Eight level deep hardware stack

• Direct, Indirect and Relative Addressing modes

• Processor read access to program memory



Special Microcontroller Features:

• Power-on Reset (POR)

• Power-up Timer (PWRT) and Oscillator Start-up Timer (OST)

• Watchdog Timer (WDT) with its own on-chip RC oscillator for reliable operation

• Programmable code protection

• Power saving SLEEP mode

• Selectable oscillator options

• In-Circuit Serial Programming™ (ICSP™) via two pins



Peripheral Features:

• Timer0: 8-bit timer/counter with 8-bit prescaler

• Timer1: 16-bit timer/counter with prescaler, can be incremented during SLEEP via external crystal/clock

• Timer2: 8-bit timer/counter with 8-bit period register, prescaler and postscaler

• Two Capture, Compare, PWM modules

   - Capture is 16-bit, max. resolution is 12.5 ns

   - Compare is 16-bit, max. resolution is 200 ns

   - PWM max. resolution is 10-bit

• 8-bit, up to 8-channel Analog-to-Digital converter

• Synchronous Serial Port (SSP) with SPI™ (Master mode) and I2C™ (Slave)

• Universal Synchronous Asynchronous Receiver Transmitter (USART/SCI)

• Parallel Slave Port (PSP), 8-bits wide with external RD, WR and CS controls (40/44-pin only)

• Brown-out detection circuitry for Brown-out Reset (BOR)



CMOS Technology:

• Low power, high speed CMOS FLASH technology

• Fully static design

• Wide operating voltage range: 2.0V to 5.5V

• High Sink/Source Current: 25 mA

• Industrial temperature range

• Low power consumption:

   - < 2 mA typical @ 5V, 4 MHz

   - 20 µA typical @ 3V, 32 kHz

   - < 1 µA typical standby current



 




Similar Part No. - 16LF73

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
16LF1613 MICROCHIP-16LF1613 Datasheet
7Mb / 396P
8/14-Pin, 8-Bit Flash Microcontroller
07/14/15
16LF1824 MICROCHIP-16LF1824 Datasheet
3Mb / 419P
28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
16LF194X MICROCHIP-16LF194X Datasheet
197Kb / 6P
64-Pin 8-Bit Flash Microcontroller Product Brief
2008
16LF628A MICROCHIP-16LF628A Datasheet
3Mb / 168P
FLASH-Based 8-Bit CMOS Microcontrollers
2002
16LF877A MICROCHIP-16LF877A Datasheet
4Mb / 234P
28/40/44-Pin Enhanced Flash Microcontrollers
2003
More results


Similar Description - 16LF73

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
P16F877 MICROCHIP-P16F877 Datasheet
3Mb / 218P
28/40-Pin 8-Bit CMOS FLASH Microcontrollers
2001
PIC16F7X MICROCHIP-PIC16F7X Datasheet
3Mb / 174P
28/40-pin, 8-bit CMOS FLASH Microcontrollers
2002
PIC16F87X MICROCHIP-PIC16F87X_98 Datasheet
1Mb / 200P
28/40-pin 8-Bit CMOS FLASH Microcontrollers
1998
PIC16F87X MICROCHIP-PIC16F87X_01 Datasheet
3Mb / 218P
28/40-Pin 8-Bit CMOS FLASH Microcontrollers
2001
PIC16F87X MICROCHIP-PIC16F87X_13 Datasheet
2Mb / 218P
28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12 1998-2013
PIC16F870 MICROCHIP-PIC16F870_13 Datasheet
2Mb / 172P
28/40-Pin, 8-Bit CMOS FLASH Microcontrollers
11/29/12 2000-2013
PIC16F877-20IPT MICROCHIP-PIC16F877-20IPT Datasheet
2Mb / 218P
28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12
PIC16F876-04I MICROCHIP-PIC16F876-04I Datasheet
3Mb / 218P
28/40-Pin 8-Bit CMOS FLASH Microcontrollers
01/30/01
PIC16LF73-I MICROCHIP-PIC16LF73-I Datasheet
4Mb / 174P
28/40-pin, 8-bit CMOS FLASH Microcontrollers
01/18/02
PIC16LF877-04PT MICROCHIP-PIC16LF877-04PT Datasheet
2Mb / 218P
28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com