Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE15B5002 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE15B5002 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE15B5002
Download  PE15B5002 Download
File Size   579.15 Kbytes
Page   7 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 30 MHz to 3000 MHz Frequency Range

PE15B5002 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE15B5002 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE15B5002
Download  PE15B5002 Click to download

File Size   579.15 Kbytes
Page   7 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 30 MHz to 3000 MHz Frequency Range

PE15B5002 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE15B5002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15B5000 PASTERNACK-PE15B5000 Datasheet
762Kb / 7P
High Power Bi-Directional Amplifier, 5-20 Watts, 2.4 GHz to 2.5 GHz, 1 us switching, 20 dB Gain, SMA
PE15B5001 PASTERNACK-PE15B5001 Datasheet
792Kb / 7P
High Power Bi-Directional Amplifier, 5/20 Watts, 1.35 GHz to 1.39 GHz, 1 us switching, 22 dB Gain, SMA
More results


Similar Description - PE15B5002

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
PJ-0A20X NEL-PJ-0A20X Datasheet
184Kb / 2P
Frequency Range: 10.0 MHz to 52.0 MHz
SH-A368X NEL-SH-A368X Datasheet
132Kb / 2P
Frequency Range: 60.0 MHz to 200.0 MHz
SJ-A1440 NEL-SJ-A1440 Datasheet
290Kb / 2P
Frequency Range: 10.0 MHz to 250.0 MHz
logo
Micronetics, Inc.
NMA2415-A1T MICRONETICS-NMA2415-A1T Datasheet
209Kb / 2P
Legacy 30 MHz to 3000 MHz
NMA2415-A2T MICRONETICS-NMA2415-A2T Datasheet
318Kb / 2P
Legacy 30 MHz to 3000 MHz
NMA2415-B1T MICRONETICS-NMA2415-B1T Datasheet
166Kb / 2P
Legacy 30 MHz to 3000 MHz
NMA2415-B2T MICRONETICS-NMA2415-B2T Datasheet
357Kb / 2P
Legacy 30 MHz to 3000 MHz
NMA2415-A2S MICRONETICS-NMA2415-A2S Datasheet
201Kb / 2P
Legacy 30 MHz to 3000 MHz
logo
Silicon Laboratories
SI4032-B1-FM SILABS-SI4032-B1-FM Datasheet
88Kb / 2P
Frequency Range = 240??30 MHz
logo
Pasternack Enterprises,...
PE15A9001 PASTERNACK-PE15A9001 Datasheet
419Kb / 5P
50 MHz to 1000 MHz Frequency Range
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com