Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE80T1000 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE80T1000 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE80T1000
Download  PE80T1000 Download
File Size   452.97 Kbytes
Page   7 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Threshold Detector, SMA, Video Out, 2 GHz to 18 GHz

PE80T1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE80T1000 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE80T1000
Download  PE80T1000 Click to download

File Size   452.97 Kbytes
Page   7 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Threshold Detector, SMA, Video Out, 2 GHz to 18 GHz

PE80T1000 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE80T1000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE80T1001 PASTERNACK-PE80T1001 Datasheet
341Kb / 6P
Threshold Detector, SMA, Video Out, 2 GHz to 18 GHz
PE80T1002 PASTERNACK-PE80T1002 Datasheet
395Kb / 6P
Threshold Detector, 2.92mm, Video Out, 16 GHz to 40 GHz
PE80T1003 PASTERNACK-PE80T1003 Datasheet
374Kb / 1P
Zero Biased Detector With 50 Ohm N to BNC Female Video Out Operating From 10 MHz to 18.5 GHz
More results


Similar Description - PE80T1000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8002 PASTERNACK-PE8002 Datasheet
244Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 1 GHz to 2 GHz
PE8003 PASTERNACK-PE8003 Datasheet
242Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 2 GHz to 4 GHz
PE8005 PASTERNACK-PE8005 Datasheet
243Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 6 GHz to 18 GHz
PE8005-P PASTERNACK-PE8005-P Datasheet
245Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 6 GHz to 18 GHz
PE8008 PASTERNACK-PE8008 Datasheet
243Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 8 GHz to 18 GHz
PE8008-P PASTERNACK-PE8008-P Datasheet
245Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 8 GHz to 18 GHz
PE8009 PASTERNACK-PE8009 Datasheet
243Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 18 GHz to 26 GHz
PE8009-P PASTERNACK-PE8009-P Datasheet
245Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 18 GHz to 26 GHz
PE80T1001 PASTERNACK-PE80T1001 Datasheet
341Kb / 6P
Threshold Detector, SMA, Video Out, 2 GHz to 18 GHz
PE80T1002 PASTERNACK-PE80T1002 Datasheet
395Kb / 6P
Threshold Detector, 2.92mm, Video Out, 16 GHz to 40 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com