Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCM25B Datasheet (PDF) - JL World Company Limited.

HCM25B Datasheet PDF - JL World Company Limited.
Part # HCM25B
Download  HCM25B Download
File Size   78.64 Kbytes
Page   1 Pages
Manufacturer  JLWORLD [JL World Company Limited.]
Direct Link  http://www.jlworld.com
Logo JLWORLD - JL World Company Limited.
Description Value applying Rated Voltage

HCM25B Datasheet (PDF)

Go To PDF Page Download Datasheet
HCM25B Datasheet PDF - JL World Company Limited.

Part # HCM25B
Download  HCM25B Click to download

File Size   78.64 Kbytes
Page   1 Pages
Manufacturer  JLWORLD [JL World Company Limited.]
Direct Link  http://www.jlworld.com
Logo JLWORLD - JL World Company Limited.
Description Value applying Rated Voltage

HCM25B Datasheet (HTML) - JL World Company Limited.


HCM25B Product details

SoniCrest
Electro-Magnetic Sound Generators

Dimension
Unit : mm
Tolerance : ±0.3mm

Frequency Response
Applied Voltage : 6V, 50% Duty Square Wave
Measuring Distance : 10cm




Similar Part No. - HCM25B

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HCM2505B JLWORLD-HCM2505B Datasheet
78Kb / 1P
Electro-Magnetic Sound Generators
HCM2506A JLWORLD-HCM2506A Datasheet
78Kb / 1P
Electro-Magnetic Sound Generators
HCM2506A JLWORLD-HCM2506A Datasheet
78Kb / 1P
Value applying Rated Voltage
HCM2506A JLWORLD-HCM2506A Datasheet
388Kb / 1P
ELECTROMAGNETIC SOUND EMITTERS
logo
Dubilier
HCM2506AN DUBILIER-HCM2506AN Datasheet
57Kb / 1P
SOUNDERS SMD ELECTRO-MAGNETIC AUDIO TRANSDUCERS
More results


Similar Description - HCM25B

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HC09C JLWORLD-HC09C Datasheet
486Kb / 1P
Value applying Rated Voltage
HC09E JLWORLD-HC09E Datasheet
423Kb / 1P
Value applying Rated Voltage
HC09F JLWORLD-HC09F Datasheet
398Kb / 1P
Value applying Rated Voltage
HC12A JLWORLD-HC12A Datasheet
239Kb / 1P
Value applying Rated Voltage
HCM09AX JLWORLD-HCM09AX Datasheet
1,015Kb / 1P
Value applying Rated Voltage
HCM26AX JLWORLD-HCM26AX Datasheet
88Kb / 1P
Value applying Rated Voltage
HCS09AC JLWORLD-HCS09AC Datasheet
1Mb / 1P
Value applying Rated Voltage
HCS12AX JLWORLD-HCS12AX Datasheet
70Kb / 1P
Value Applying Rated Voltage
HC09B JLWORLD-HC09B Datasheet
470Kb / 1P
value applying rated voltage
HC12G-105 JLWORLD-HC12G-105 Datasheet
582Kb / 1P
value applying rated voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com