Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM10486 Datasheet (PDF) - NXP Semiconductors

UM10486 Datasheet PDF - NXP Semiconductors
Part # UM10486
Download  UM10486 Download
File Size   601.2 Kbytes
Page   18 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description UBA2015P reference design 120 V (AC)

UM10486 Datasheet (PDF)

Go To PDF Page Download Datasheet
UM10486 Datasheet PDF - NXP Semiconductors

Part # UM10486
Download  UM10486 Click to download

File Size   601.2 Kbytes
Page   18 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description UBA2015P reference design 120 V (AC)

UM10486 Datasheet (HTML) - NXP Semiconductors




Similar Part No. - UM10486

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1040 STMICROELECTRONICS-UM1040 Datasheet
896Kb / 19P
STEVAL-SPIMD20 demonstration kit based on the SPIMD20 integrated motor drive
21-Dec-2011
logo
NXP Semiconductors
UM10406 NXP-UM10406 Datasheet
389Kb / 21P
SSL1523 high power factor 5 W LED driver for universal
Rev. 01-3 August 2010
UM10409 PHILIPS-UM10409 Datasheet
962Kb / 25P
120 V high power factor CFL reference board using the UBA2014T
Rev. 1-12 October 2010
UM10430 PHILIPS-UM10430 Datasheet
7Mb / 1164P
LPC18xx ARM Cortex-M3 microcontroller
Rev. 00.13-20 July 2011
UM10437 PHILIPS-UM10437 Datasheet
2Mb / 27P
GreenChip 65 W TEA1738LT/T and TEA1703 demo board
Rev. 1-28 February 2011
More results


Similar Description - UM10486

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD4202-1 CIRRUS-CRD4202-1 Datasheet
932Kb / 24P
AC 97 Six Channel CNR Audio Reference Design
CRD4299-1 CIRRUS-CRD4299-1 Datasheet
4Mb / 30P
AC 97 AMR Reference Design
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
REFERENCE DESIGN
logo
STMicroelectronics
STEVAL-ISS001V1 STMICROELECTRONICS-STEVAL-ISS001V1 Datasheet
113Kb / 4P
Line interactive 450 W UPS reference design - 120 V / 60 Hz model
14-Apr-2008
logo
NXP Semiconductors
UM10513 PHILIPS-UM10513 Datasheet
1Mb / 26P
UBA2015AT Reference Design 120 V (AC)
Rev. 1.1-31 January 2012
UM10466 PHILIPS-UM10466 Datasheet
1Mb / 18P
UBA2015P reference design 230 V (AC)
Rev. 1.2-14 November 2011
UM10440 PHILIPS-UM10440 Datasheet
1Mb / 25P
UBA2015AT Reference Design 230 V (AC)
Rev. 1.1-3 February 2012
UM10561 PHILIPS-UM10561 Datasheet
1Mb / 24P
UBA2017AT reference design for 420 V (DC)
Rev. 1-13 August 2012
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
Tiny Reference Design
01/02/08
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com