Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM10444 Datasheet (PDF) - NXP Semiconductors

UM10444 Datasheet PDF - NXP Semiconductors
Part # UM10444
Download  UM10444 Download
File Size   1002.9 Kbytes
Page   33 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 90 W notebook adapter with TEA1753, TEA1703 and TEA1791

UM10444 Datasheet (PDF)

Go To PDF Page Download Datasheet
UM10444 Datasheet PDF - NXP Semiconductors

Part # UM10444
Download  UM10444 Click to download

File Size   1002.9 Kbytes
Page   33 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 90 W notebook adapter with TEA1753, TEA1703 and TEA1791

UM10444 Datasheet (HTML) - NXP Semiconductors




Similar Part No. - UM10444

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UM10440 PHILIPS-UM10440 Datasheet
1Mb / 25P
UBA2015AT Reference Design 230 V (AC)
Rev. 1.1-3 February 2012
More results


Similar Description - UM10444

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L785R WINBOND-W83L785R Datasheet
282Kb / 22P
WINBOND H/W MONITORING IC FOR NOTEBOOK
logo
Texas Instruments
BQ24700 TI-BQ24700 Datasheet
515Kb / 28P
NOTEBOOK PC BATTERY CHARGE CONTROLLER AND SELECTOR WITH DPM
logo
Power Integrations, Inc...
DI-13 POWERINT-DI-13 Datasheet
38Kb / 2P
3 W Universal Adapter
DI-34 POWERINT-DI-34 Datasheet
62Kb / 2P
5 W Universal Adapter
logo
Bothhand USA, LP.
EA10953 BOTHHAND-EA10953 Datasheet
115Kb / 2P
90 Watt Switching Adapter
logo
STMicroelectronics
EVL6699-90WADP STMICROELECTRONICS-EVL6699-90WADP Datasheet
217Kb / 5P
19 V - 90 W adapter with PFC for laptop computers based on the L6563H and L6699
02-Jul-2012
AN1439 STMICROELECTRONICS-AN1439 Datasheet
312Kb / 17P
30 W AC-DC adapter with the L6565
12-Mar-2008
logo
Tripp Lite. All Rights ...
NC2003SR TRIPPLITE-NC2003SR Datasheet
476Kb / 2P
Notebook Cooling Pad - Notebook-Laptop Computer Security and Stands
logo
NXP Semiconductors
UM10437 PHILIPS-UM10437 Datasheet
2Mb / 27P
GreenChip 65 W TEA1738LT/T and TEA1703 demo board
Rev. 1-28 February 2011
logo
Shenzhen Huazhimei Semi...
HM3444 HMSEMI-HM3444 Datasheet
492Kb / 7P
EPC/notebook car adapter
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com