Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC651BEVUA Datasheet (PDF) - Microchip Technology

TC651BEVUA Datasheet PDF - Microchip Technology
Part # TC651BEVUA
Download  TC651BEVUA Download
File Size   440.16 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert

TC651BEVUA Datasheet (PDF)

Go To PDF Page Download Datasheet
TC651BEVUA Datasheet PDF - Microchip Technology

Part # TC651BEVUA
Download  TC651BEVUA Click to download

File Size   440.16 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert

TC651BEVUA Datasheet (HTML) - Microchip Technology


TC651BEVUA Product details

General Description
The TC650/TC651 are integrated temperature sensors and brushless DC fan speed controllers. The TC650/TC651 measure their junction temperature and control the speed of the fan based on that temperature, making them especially suited for applications in modern electronic equipment.
Temperature data is converted from the on-chip thermal sensing element and translated into a fractional fan speed from 40% to 100%. A temperature selection guide in the data sheet is used to choose the low and high temperature limits to control the fan. The TC650/TC651 also include a single trip point over temperature alert (TOVER) that eliminates the need for additional temperature sensors. In addition, the TC651 features an auto fan shutdown function for additional power savings.
The TC650/TC651 are easy to use, require no software overhead and are therefore the ideal choice for implementing thermal management in a variety of systems.

Features
• Integrated Temperature Sensing and Multi-speed Fan Control
• Built-in Over Temperature Alert (TOVER)
• Temperature Proportional Fan Speed Control for
   Acoustic Noise Reduction and Longer Fan Life
• Pulse Width Modulation Output Drive for Cost and Power Savings
• Solid-State Temperature Sensing
• ±1°C (Typical) Accuracy from 25°C to +70°C
• 2.8V – 5.5V Operating Range
• TC651 includes Auto Fan Shutdown
• Low Operating Current: 50µA (Typical)

Applications
• Thermal Protection For Personal Computers
• Digital Set-Top Boxes
• Notebook Computers
• Data Communications
• Power Supplies
• Projectors




Similar Part No. - TC651BEVUA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TC651BEV STMICROELECTRONICS-TC651BEV Datasheet
210Kb / 16P
Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
Oct-2003
More results


Similar Description - TC651BEVUA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC648 MICROCHIP-TC648 Datasheet
602Kb / 28P
Fan Speed Controller with Auto-Shutdown and Over-Temperature Alert
2002
TC652 MICROCHIP-TC652 Datasheet
443Kb / 14P
Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense?줔etect & Over-Temperature
2002
logo
List of Unclassifed Man...
ASC7512 ETC2-ASC7512 Datasheet
343Kb / 35P
DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
logo
STMicroelectronics
TC650 STMICROELECTRONICS-TC650_04 Datasheet
210Kb / 16P
Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
Oct-2003
logo
Microchip Technology
TC648 MICROCHIP-TC648_13 Datasheet
364Kb / 28P
Fan Speed Controller with Auto-Shutdown and Over-Temperature Alert
11/29/12
TC650 MICROCHIP-TC650_13 Datasheet
262Kb / 18P
Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
11/29/12
TC652 MICROCHIP-TC652_13 Datasheet
215Kb / 16P
Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense??Detect & Over-Temperature
11/29/12
TC652AGVUA MICROCHIP-TC652AGVUA Datasheet
450Kb / 14P
Integrated Temperature Sensor & Brushless DC Fan Controller
04/20/02
TC652AEVUATR MICROCHIP-TC652AEVUATR Datasheet
431Kb / 14P
Integrated Temperature Sensor & Brushless DC Fan
04/20/02
logo
Linear Technology
LTC2996 LINER-LTC2996_15 Datasheet
236Kb / 16P
Temperature Sensor with Alert Outputs
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com