Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR8052ASO8X Datasheet (PDF) - Exar Corporation

XR8052ASO8X Datasheet PDF - Exar Corporation
Part # XR8052ASO8X
Download  XR8052ASO8X Download
File Size   158.04 Kbytes
Page   1 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Flammability rating of UL 94?륷0

XR8052ASO8X Datasheet (PDF)

Go To PDF Page Download Datasheet
XR8052ASO8X Datasheet PDF - Exar Corporation

Part # XR8052ASO8X
Download  XR8052ASO8X Click to download

File Size   158.04 Kbytes
Page   1 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Flammability rating of UL 94?륷0

XR8052ASO8X Datasheet (HTML) - Exar Corporation


XR8052ASO8X Product details

General Description
The XR8051 (single), XR8052 (dual) and XR8054(quad) are low cost, voltage feedback amplifers. These amplifers are designed to operate on +3V to +5V, or ±5V supplies. The input voltage range extends 300mV below the negative rail and 0.9V below the positive rail.

FEATURES
■  175MHz bandwidth
■  Fully specifed at +3V, +5V and +/-5V supplies
■  Output voltage range: 0.03V to 4.95V; Vs = +5; RL = 2kΩ
■  Input voltage range: -0.3V to +4.1V; Vs = +5
■  190V/μs slew rate
■  2.6mA supply current per amplifer
■  ±100mA linear output current
■  ±125mA short circuit current
■  XR8051 directly replaces AD8051, AD8091
■  XR8052 directly replaces AD8052, AD8092
■  XR8054 directly replaces AD8054

APPLICATIONS
■  Video driver
■  Video surveillance and distribution
■  A/D driver
■  Active flters
■  CCD imaging systems
■  CD/DVD ROM
■  Coaxial cable drivers
■  High capacitive load driver
■  Portable/battery-powered applications
■  Twisted pair driver
■  Telecom and optical terminals




Similar Part No. - XR8052ASO8X

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR8052ASO8X EXAR-XR8052ASO8X Datasheet
1Mb / 27P
Low Cost, High Speed Rail-to-Rail Amplifiers
More results


Similar Description - XR8052ASO8X

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3232EETL EXAR-SP3232EETL Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
SP3243EUEYL EXAR-SP3243EUEYL Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
ST16C2550CQ48F EXAR-ST16C2550CQ48F Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
XR16C850CMF EXAR-XR16C850CMF Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
XR71211EHF EXAR-XR71211EHF Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
CLC2000ISO8X EXAR-CLC2000ISO8X Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
SP2526A2ENL EXAR-SP2526A2ENL Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
SP3072EMNL EXAR-SP3072EMNL Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
XRT83VSH316IBF EXAR-XRT83VSH316IBF Datasheet
169Kb / 2P
Flammability rating of UL 94?륷0
XR21V1414IM48F EXAR-XR21V1414IM48F Datasheet
164Kb / 1P
Flammability rating of UL 94?륷0
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com