Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3291GVO Datasheet (PDF) - Micro Electronics

3291GVO Datasheet PDF - Micro Electronics
Part # 3291GVO
Download  3291GVO Download
File Size   38.63 Kbytes
Page   1 Pages
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics
Description LED BACKLIGHT FOR LCD DISPLAY

3291GVO Datasheet (PDF)

Go To PDF Page Download Datasheet
3291GVO Datasheet PDF - Micro Electronics

Part # 3291GVO
Download  3291GVO Click to download

File Size   38.63 Kbytes
Page   1 Pages
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics
Description LED BACKLIGHT FOR LCD DISPLAY

3291GVO Datasheet (HTML) - Micro Electronics


3291GVO Product details

ABSOLUTE MAXIMUM RATINGS
   Forward Current                 IF                      80mA
   Reverse Voltage                VR                        10V
   Operating Temperature     Topr        -20 to +70°C
   Storage Temperature        Tstg         -30 to +80°C




Similar Part No. - 3291GVO

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
3291G MICRO-ELECTRONICS-3291G Datasheet
41Kb / 1P
LED BACKLIGHT FOR LCD DISPLAY
More results


Similar Description - 3291GVO

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
1620G MICRO-ELECTRONICS-1620G Datasheet
37Kb / 1P
LED BACKLIGHT FOR LCD DISPLAY
1623G MICRO-ELECTRONICS-1623G Datasheet
37Kb / 1P
LED BACKLIGHT FOR LCD DISPLAY
1623Y MICRO-ELECTRONICS-1623Y Datasheet
39Kb / 1P
LED BACKLIGHT FOR LCD DISPLAY
1641G MICRO-ELECTRONICS-1641G Datasheet
40Kb / 1P
LED BACKLIGHT FOR LCD DISPLAY
2021-1G MICRO-ELECTRONICS-2021-1G Datasheet
35Kb / 1P
LED BACKLIGHT FOR LCD DISPLAY
2421G MICRO-ELECTRONICS-2421G Datasheet
43Kb / 1P
LED BACKLIGHT FOR LCD DISPLAY
2612G MICRO-ELECTRONICS-2612G Datasheet
35Kb / 1P
LED BACKLIGHT FOR LCD DISPLAY
3291G MICRO-ELECTRONICS-3291G Datasheet
41Kb / 1P
LED BACKLIGHT FOR LCD DISPLAY
B2A16LY MICRO-ELECTRONICS-B2A16LY Datasheet
39Kb / 1P
LED BACKLIGHT FOR LCD DISPLAY
2043G MICRO-ELECTRONICS-2043G Datasheet
58Kb / 1P
LED BACKLIGHT FOR LCD DISPLAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com