Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM10564 Datasheet (PDF) - NXP Semiconductors

UM10564 Datasheet PDF - NXP Semiconductors
Part # UM10564
Download  UM10564 Download
File Size   699.69 Kbytes
Page   21 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description UBA2017DB1064 2 x 28 W T5 demo board

UM10564 Datasheet (PDF)

Go To PDF Page Download Datasheet
UM10564 Datasheet PDF - NXP Semiconductors

Part # UM10564
Download  UM10564 Click to download

File Size   699.69 Kbytes
Page   21 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description UBA2017DB1064 2 x 28 W T5 demo board

UM10564 Datasheet (HTML) - NXP Semiconductors




Similar Part No. - UM10564

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UM10561 PHILIPS-UM10561 Datasheet
1Mb / 24P
UBA2017AT reference design for 420 V (DC)
Rev. 1-13 August 2012
UM10562 NXP-UM10562 Datasheet
4Mb / 942P
LPC408x/407x User manual
Rev. 1-13 September 2012
UM10569 PHILIPS-UM10569 Datasheet
330Kb / 15P
Store and transport requirements
Rev. 3.00-9 March 2015
More results


Similar Description - UM10564

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6121EB SIPEX-SP6121EB Datasheet
419Kb / 6P
Demo Board Manual
logo
National Semiconductor ...
LM4883-SQ_BOM-001A NSC-LM4883-SQ_BOM-001A Datasheet
43Kb / 1P
Demo Board
logo
Melexis Microelectronic...
EVB90401 MELEXIS-EVB90401 Datasheet
269Kb / 6P
MLX90401 Demo Board
logo
International Rectifier
IRCS2277S IRF-IRCS2277S Datasheet
772Kb / 20P
IRCS2277S Demo Board
logo
Microchip Technology
DM164120-4 MICROCHIP-DM164120-4 Datasheet
250Kb / 1P
DM164120-4 - PICkit 2 18-Pin Demo Board
logo
NXP Semiconductors
UM10469 PHILIPS-UM10469 Datasheet
914Kb / 17P
48 V/150 W demo board using the SSL4101
Rev. 1.2-29 December 2014
UM10437 PHILIPS-UM10437 Datasheet
2Mb / 27P
GreenChip 65 W TEA1738LT/T and TEA1703 demo board
Rev. 1-28 February 2011
UM10899 PHILIPS-UM10899 Datasheet
552Kb / 27P
TEA1833DB1361 45 W demo board
Rev. 1-26 August 2015
logo
Infineon Technologies A...
ICE2QS03G INFINEON-ICE2QS03G_16 Datasheet
2Mb / 28P
45 W adapter demo board
Revision 1.0 2016-06-27
logo
Teridian Semiconductor ...
73S8023C TERIDIAN-73S8023C_V01 Datasheet
816Kb / 19P
Demo Board User Manual
Rev. 1.3
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com